Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P729-F46-D1-14 Datasheet(PDF) 3 Page - Vincotech

Part # V23990-P729-F46-D1-14
Description  Maximum Ratings / H철chstzul채ssige Werte
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P729-F46-D1-14 Datasheet(HTML) 3 Page - Vincotech

  V23990-P729-F46-D1-14 Datasheet HTML 1Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 2Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 3Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 4Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 5Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 6Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 7Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 8Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
V23990-P729-F46-PM
final data sheet
fastPACK 0 H 2nd gen
V23990-P729-F46-01-14
Characteristic values/ Charateristische Werte
P729-F46
Description
Symbol Conditions
Datasheet values
Unit
T(C°)
Other conditions
VGE(V)
VCE(V)
IC(A) IF(A)
(Rgon-Rgoff)
VGS(V)
VDS(V)
Id(A)
Min
Typ
Max
Capacitor
Kondensator
C value
C
45
56
67
nF
C Wert
Transistor H-bridge(IGBT)
Transistor H-Brücke(IGBT)
Gate emitter threshold voltage
VGE(th) Tj=25°C
VCE=VGE
1m
4
5,5
7
V
Gate-Schwellenspannung
Tj=125°C
Collector-emitter saturation voltage
VCE(sat) Tj=25°C
15
25
2,12
2,9
V
Kollektor-Emitter Sättigungsspannung
Tj=125°C
2,24
Collector-emitter cut-off
ICES
Tj=25°C
0
600
0,1
mA
Kollektor-Emitter Reststrom
Tj=125°C
Gate-emitter leakage current
IGES
Tj=25°C
20
0
200
nA
Gate-Emitter Reststrom
Tj=125°C
Integrated Gate resistor
Rgint
none
Integrirter Gate Widerstand
Turn-on delay time
td(on)
Tj=25°C
Rgoff=16
ns
Einschaltverzögerungszeit
Tj=125°C
Rgon=16
±15
600
25
131
Rise time
tr
Tj=25°C
Rgoff=16
ns
Anstiegszeit
Tj=125°C
Rgon=16
±15
600
25
15
Turn-off delay time
td(off)
Tj=25°C
Rgoff=16
ns
Abschaltverzögerungszeit
Tj=125°C
Rgon=16
±15
600
25
233
Fall time
tf
Tj=25°C
Rgoff=16
ns
Fallzeit
Tj=125°C
Rgon=16
±15
600
25
92
Turn-on energy loss per pulse
Eon
Tj=25°C
Rgoff=16
mWs
Einschaltverlustenergie pro Puls
Tj=125°C
Rgon=16
±15
600
25
1,35
Turn-off energy loss per pulse
Eoff
Tj=25°C
Rgoff=16
mWs
Abschaltverlustenergie pro Puls
Tj=125°C
Rgon=16
±15
600
25
1,76
Input capacitance
Cies
Tj=25°C
f=1MHz
0
25
2,02
nF
Eingangskapazität
Tj=125°C
Output capacitance
Coss
Tj=25°C
f=1MHz
0
25
0,19
nF
Ausgangskapazität
Tj=125°C
Reverse transfer capacitance
Cies
Tj=25°C
f=1MHz
0
25
0,06
nF
Rückwirkungskapazität
Tj=125°C
Thermal resistance chip to heatsink per chip
R
thJH
Thermal grease
thickness”50um
0,95
K/W
Wärmewiderstand Chip-Kühlkörper pro Chip
Warmeleitpaste
Dicke”50um
= 0,61
W/mK
K/W
Diode H-bridge
Diode H-Brücke
Diode forward voltage
VF
Tj=25°C
25
1
2,65
4
V
Durchlaßspannung
Tj=125°C
2,31
Peak reverse recovery current
IRM
Tj=25°C
$
Rückstromspitze
Tj=125°C
Rgon=16
±15
600
25
54,5
Reverse recovery time
trr
Tj=25°C
ns
Sperreverzögerungszeit
Tj=125°C
Rgon=16
±15
600
25
147
Reverse recovered charge
Qrr
Tj=25°C
uC
Sperrverzögerungsladung
Tj=125°C
Rgon=16
±15
600
25
3,42
Reverse recovered energy
Erec
Tj=25°C
mWs
Sperrverzögerungsenergie
Tj=125°C
Rgon=16
±15
600
25
1,55
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
R
thJH
Thermal grease thickness”
1,99
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
WarmeleitpasteDicke”50u
K/W
NTC-Thermistor
NTC-Widerstand
Rated resistance
R25
Tj=25°C
Tol. ±5%
20,9
22
23,1
kOhm
Nennwiderstand
Deviation of R100
DR/R
Tc=100°C
R100=1503
2,9
%/K
Abweichung von R100
Power dissipation given Epcos-Typ
P
Tj=25°C
210
mW
Verlustleistung Epcos-Typ angeben
B-value
B(25/100) Tj=25°C
Tol. ±3%
3980
K
B-Wert
Copyright by Vincotech
3
Revision: 1


Similar Part No. - V23990-P729-F46-D1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P729-F44-D1-14 VINCOTECH-V23990-P729-F44-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
More results

Similar Description - V23990-P729-F46-D1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P729-F54-D1-14 VINCOTECH-V23990-P729-F54-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P705-F-01-14 VINCOTECH-V23990-P705-F-01-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P723-F04-D1-14 VINCOTECH-V23990-P723-F04-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P722-F74-D1-14 VINCOTECH-V23990-P722-F74-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F44-D1-14 VINCOTECH-V23990-P729-F44-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F56-01-14 VINCOTECH-V23990-P729-F56-01-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P706-F-D1-14 VINCOTECH-V23990-P706-F-D1-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-09-03
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
FZ3600R12HP4 INFINEON-FZ3600R12HP4 Datasheet
1Mb / 9P
   IGBT-Wechselrichter / IGBT-inverter H철chstzul채ssige Werte / maximum rated values
2009-08-03 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com