Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P729-F46-D1-14 Datasheet(PDF) 5 Page - Vincotech

Part # V23990-P729-F46-D1-14
Description  Maximum Ratings / H철chstzul채ssige Werte
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P729-F46-D1-14 Datasheet(HTML) 5 Page - Vincotech

  V23990-P729-F46-D1-14 Datasheet HTML 1Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 2Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 3Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 4Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 5Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 6Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 7Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 8Page - Vincotech V23990-P729-F46-D1-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
V23990-P729-F46-PM
fastPACK0 H 2nd gen
V23990-P729-F46
Output inverter
Figure 5. Typical switching energy losses
Figure 6.
Typical switching energy losses
as a function of collector current
as a function of gate resistor
Output inverter IGBT
Output inverter IGBT
E = f (Ic)
E = f (RG)
inductive load, Tj = 125 °C
inductive load, Tj = 125 °C
VCE =
600 V
VCE =
600 V
VGE=
±15 V
VGE=
±15 V
Rgon=
16
Ic =
25 A
Rgoff=
16
Figure 7. Typical switching times as a
Figure 8.
Typical switching times as a
function of collector current
function of gate resistor
Output inverter IGBT
Output inverter IGBT
t = f (Ic)
t = f (RG)
inductive load, Tj = 125 °C
inductive load, Tj = 125 °C
VCE =
600 V
VCE =
600 V
VGE=
±15 V
VGE=
±15 V
Rgon=
16
Ic =
25 A
Rgoff=
16
tdoff
tf
tdon
tr
0,001
0,01
0,1
1
0
1020
304050
IC (A)
Eoff
Eon
Erec
0
0,5
1
1,5
2
2,5
3
3,5
0
1020
304050
I C (A)
Eoff
Eon
Erec
0
0,5
1
1,5
2
2,5
3
3,5
0
1530
456075
R G ( : )
tdoff
tf
tdon
tr
0,001
0,01
0,1
1
0
1530
456075
R G (
: )
Copyright by Vincotech
5
Revision: 1


Similar Part No. - V23990-P729-F46-D1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P729-F44-D1-14 VINCOTECH-V23990-P729-F44-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
More results

Similar Description - V23990-P729-F46-D1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P729-F54-D1-14 VINCOTECH-V23990-P729-F54-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P705-F-01-14 VINCOTECH-V23990-P705-F-01-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P723-F04-D1-14 VINCOTECH-V23990-P723-F04-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P722-F74-D1-14 VINCOTECH-V23990-P722-F74-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F44-D1-14 VINCOTECH-V23990-P729-F44-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F56-01-14 VINCOTECH-V23990-P729-F56-01-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P706-F-D1-14 VINCOTECH-V23990-P706-F-D1-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-09-03
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
FZ3600R12HP4 INFINEON-FZ3600R12HP4 Datasheet
1Mb / 9P
   IGBT-Wechselrichter / IGBT-inverter H철chstzul채ssige Werte / maximum rated values
2009-08-03 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com