Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7799L2PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7799L2PBF
Description  Optimized for Synchronous Rectification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7799L2PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7799L2PBF_15 Datasheet HTML 1Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 2Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 3Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 4Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 5Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 6Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 7Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 8Page - International Rectifier IRF7799L2PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
IRF7799L2PbF
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical Total Gate Charge vs
Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
≤60μs PULSE WIDTH
Tj = 25°C
5.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
BOTTOM
5.0V
≤60μs PULSE WIDTH
Tj = 175°C
5.0V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 21A
VGS = 10V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20
40
60
80
100 120 140 160
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 200V
VDS= 125V
VDS= 50V
ID= 21A
3
4
5
6
7
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 175°C
TJ = 25°C
TJ = -40°C
VDS = 50V
≤60μs PULSE WIDTH


Similar Part No. - IRF7799L2PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7799L2PBF IRF-IRF7799L2PBF Datasheet
268Kb / 11P
   RoHS Compliant, Halogen Free
More results

Similar Description - IRF7799L2PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7759L2PBF IRF-IRF7759L2PBF_15 Datasheet
274Kb / 11P
   Optimized for Synchronous Rectification
IRF7769L1PBF IRF-IRF7769L1PBF_15 Datasheet
267Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
   Optimized for synchronous rectification
Rev.2.1,2014-06-27
logo
International Rectifier
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
   Optimized for Synchronous Rectification
IRF6674PBF IRF-IRF6674PBF_15 Datasheet
255Kb / 9P
   Optimized for Synchronous Rectification
IRF7748L1PBF IRF-IRF7748L1PBF_15 Datasheet
442Kb / 10P
   Optimized for Synchronous Rectification
IRF7779L2PBF IRF-IRF7779L2PBF_15 Datasheet
266Kb / 11P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
logo
International Rectifier
IRF7739L1PBF IRF-IRF7739L1PBF_15 Datasheet
278Kb / 10P
   Optimized for Synchronous Rectification
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com