Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P789CA-287T Datasheet(PDF) 6 Page - Tyco Electronics

Part # MA4P789CA-287T
Description  Surface Mount Plastic PIN Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P789CA-287T Datasheet(HTML) 6 Page - Tyco Electronics

Back Button MA4P789CA-287T Datasheet HTML 2Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 3Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 4Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 5Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 6Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 7Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 8Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 9Page - Tyco Electronics MA4P789CA-287T Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Maximum
Total
Capacitance
2
(pF)
Nominal Characteristics
SC-79
Model
Number
Reverse
Voltage VR
1
(Volts)
Maximum
RS @ 10 mA
3
(Ohms)
Carrier
Lifetime
4
(
µs)
I-Region
Thickness
(mils)
Ls = 0.6 nH
Cpkg = 0.10 pF
MA4P275-1279T
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789-1279T
75
0.35 @ 20V
1.5
0.2
0.4
MA4P274-1279T
100
0.35 @ 50V
3.0
1.0
2.0
MA4P277-1279T
200
0.35 @ 50V
6.0
2.0
4.0
6
Electrical Specifications @ 25
°C — SC-79 Single Diode
1. The reverse current will not exceed 10
µA at the Reverse Voltage rating.
2. Maximum total capacitance is measured at 1 MHz at the indicated voltage.
3. Maximum series resistance is measured at the specified current and a frequency of 100 MHz.
4. Nominal minority lifetime is measured at IF = 10 mA, IR = 6mA, 90% recovery.
SC-79


Similar Part No. - MA4P789CA-287T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P789 MACOM-MA4P789 Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MA4P789 MA-COM-MA4P789 Datasheet
241Kb / 10P
   PIN Diodes for Microwave Switch Designs
MA4P789 MA-COM-MA4P789 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
MA4P789-287T MA-COM-MA4P789-287T Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
More results

Similar Description - MA4P789CA-287T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com