Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7809AVPBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7809AVPBF-1
Description  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7809AVPBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7809AVPBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7809AVPBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 23, 2014
IRF7809AVPbF-1
Parameter
Min
Typ
Max Units
Conditions
Diode Forward
V
SD
1.3
V
I
S = 15A‚, VGS = 0V
Voltage*
Reverse Recovery
Q
rr
120
nC
di/dt ~ 700A/μs
V
DS = 16V, VGS = 0V, IS = 15A
Reverse Recovery
Q
rr(s)
150
nC
di/dt = 700A/μs
Charge (with Parallel
(with 10BQ040)
Schottky)
„
V
DS = 16V, VGS = 0V, IS = 15A
Parameter
Min
Typ
Max Units
Conditions
Drain-to-Source
BV
DSS
30
V
V
GS = 0V, ID = 250μA
Breakdown Voltage
Static Drain-Source
R
DS
(on)
7.0
9.0
m
Ω
V
GS = 4.5V, ID = 15A‚
on Resistance
Gate Threshold Voltage
V
GS(th)
1.0
V
V
DS = VGS,ID = 250μA
Drain-Source Leakage
I
DSS
30
V
DS = 24V, VGS = 0
Current*
150
μAV
DS = 24V, VGS = 0,
Tj = 100°C
Gate-Source Leakage
I
GSS
±100
nA
V
GS = ±12V
Current*
Total Gate Chg Cont FET
Q
G
41
62
V
GS=5V, ID=15A, VDS=20V
Total Gate Chg Sync FET
Q
G
36
54
V
GS = 5V, VDS< 100mV
Pre-Vth
Q
GS1
7.0
V
DS = 20V, ID = 15A
Gate-Source Charge
Post-Vth
Q
GS2
2.3
nC
Gate-Source Charge
Gate to Drain Charge
Q
GD
12
I
D=15A, VDS=16V
Switch Chg(Q
gs2 + Qgd)
Q
sw
14
21
Output Charge*
Q
oss
30
45
V
DS = 16V, VGS = 0
Gate Resistance
R
G
1.5
3.0
Ω
Turn-on Delay Time
t
d (on)
14
V
DD = 16V, ID = 15A
Rise Time
t
r
36
ns
V
GS = 5V
Turn-off Delay Time
t
d (off)
96
Clamped Inductive Load
Fall Time
t
f
10
Input Capacitance
C
iss
3780
Output Capacitance
C
oss
1060
pF
V
DS = 16V, VGS = 0
Reverse Transfer Capacitance
C
rss
130
Electrical Characteristics
Source-Drain Rating & Characteristics
Current
Charge
„
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 400 μs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
„
Typ = measured - Q
oss
… Typical values measured at V
GS = 4.5V, IF = 15A.


Similar Part No. - IRF7809AVPBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
593Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
599Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF_15 Datasheet
599Kb / 8P
   N-Channel Application-Specific MOSFETs
More results

Similar Description - IRF7809AVPBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com