Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7910PBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7910PBF-1
Description  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7910PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7910PBF-1 Datasheet HTML 1Page - International Rectifier IRF7910PBF-1 Datasheet HTML 2Page - International Rectifier IRF7910PBF-1 Datasheet HTML 3Page - International Rectifier IRF7910PBF-1 Datasheet HTML 4Page - International Rectifier IRF7910PBF-1 Datasheet HTML 5Page - International Rectifier IRF7910PBF-1 Datasheet HTML 6Page - International Rectifier IRF7910PBF-1 Datasheet HTML 7Page - International Rectifier IRF7910PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7910PbF-1
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
18
––– –––
S
VDS = 6.0V, ID = 8.0A
Qg
Total Gate Charge
–––
17
26
ID = 8.0A
Qgs
Gate-to-Source Charge
–––
4.4
–––
nC
VDS = 6.0V
Qgd
Gate-to-Drain ("Miller") Charge
–––
5.2
–––
VGS = 4.5V
Qoss
Output Gate Charge
–––
16
–––
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
9.4
–––
VDD = 6.0V
tr
Rise Time
–––
22
–––
ID = 8.0A
td(off)
Turn-Off Delay Time
–––
16
–––
RG = 1.8
Ω
tf
Fall Time
–––
6.3
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 1730 –––
VGS = 0V
Coss
Output Capacitance
––– 1340 –––
VDS = 6.0V
Crss
Reverse Transfer Capacitance
–––
330 –––
pF
ƒ = 1.0MHz
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Ω
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
12
–––
–––
V
VGS = 0V, ID = 250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.01 –––
V/°C Reference to 25°C, ID = 1mA
–––
11.5
15
VGS = 4.5V, ID = 8.0A
ƒ
–––
20
50
VGS = 2.8V, ID = 5.0A
VGS(th)
Gate Threshold Voltage
0.6
–––
2.0
V
VDS = VGS, ID = 250μA
–––
–––
100
μA
VDS = 9.6V, VGS = 0V
–––
–––
250
VDS = 9.6V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 12V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -12V
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
––– 0.85
1.3
V
TJ = 25°C, IS = 8.0A, VGS = 0V
ƒ
––– 0.70 –––
TJ = 125°C, IS = 8.0A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
50
75
ns
TJ = 25°C, IF = 8.0A, VR =12V
Qrr
Reverse Recovery Charge
–––
60
90
nC
di/dt = 100A/μs
ƒ
trr
Reverse Recovery Time
–––
51
77
ns
TJ = 125°C, IF = 8.0A, VR =12V
Qrr
Reverse Recovery Charge
–––
60
90
nC
di/dt = 100A/μs
ƒ
S
D
G
Diode Characteristics
1.8
79
A
VSD
Diode Forward Voltage
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
100
mJ
IAR
Avalanche Current

–––
8.0
A
Avalanche Characteristics


Similar Part No. - IRF7910PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7910PBF IRF-IRF7910PBF Datasheet
131Kb / 8P
   HEXFET Power MOSFET
IRF7910PBF IRF-IRF7910PBF Datasheet
229Kb / 8P
   HEXFET Power MOSFET
IRF7910PBF IRF-IRF7910PBF Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_08 Datasheet
229Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRF7910PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com