Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRH-OT Datasheet(PDF) 1 Page - Picker Components

Part # PTRH-OT
Description  30 Amp Power PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRH-OT Datasheet(HTML) 1 Page - Picker Components

  PTRH-OT Datasheet HTML 1Page - Picker Components PTRH-OT Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PTREH-OT Rev B 5/21/15
1 of 2
E86876
CONTACT DATA
Material
AgSnO2, AgSnO2
Initial Contact Resistance
50 MΩ Max. @ 1 A, 6 VDC
Maximum Switching Voltage
110 VDC, 300 VAC
Maximum Switching Current
30 A
Maximum Switching Power
1,500 W, 12,000 VA
Service Life
Mechanical
1 X 107 Operations
Electrical
5 X 104 Operations
FEATURES
 Most Popular Power PCB Relay Footprint - T90
 30 Amp 250 VAC General Purpose UL Rating
 2 HP 250 VAC Rating
 UL Class F Insulation Standard
 Gold Flashed Contacts Available
 Meets UL 508 and UL 873 Spacing
 Epoxy Sealed, Immersion Cleanable
 RoHS Compliant
30 Amp Power PCB Relay
PTRH-OT
Load Type
Voltage
1 Form A
(SPST-NO)
1 Form B
(SPDT-NC)
1 Form C
NO
NC
General Purpose
120 VAC
30 A
20 A
30 A
20 A
250 VAC
30 A
20 A
30 A
20 A
30 VDC
30 A
20 A
30 A
20 A
Resistive
(100.000 Cycles)
120 VAC
30 A
20 A
30 A
20 A
250 VAC
30 A
20 A
30 A
20 A
Motor
(30,000 Cycles)
240 VAC
2 HP
——
2 HP
——
120 VAC
1 HP
——
1 HP
——
240 VAC 80 A/30 A
——
80 A/30
——
LRA/FLA
120 VAC 96 A/30 A
——
96 A/30
——
CHARACTERISTIC
Operate Time
Less than 15 ms
Release Time
Less than 10 ms
Insulation Resistance
1,000 MΩ min, at 500 VDC, 50% RH
Dielectric Strength
50 Hz 2,500 V 1 Min Between Coil and Contacts
4,000 V without Pin 6
50 Hz 1,500 V 1 min. Between Contacts
Shock Resistance
200 m/s, 11 ms
Power Consumption
0.9 W, 0.6 W
ORDERING INFORMATION
CHARACTERISTIC Continued
Vibration Resistance
10 - 55 Hz Double Amplitude
Terminal Strength
10N
Solderability
235 ºC for 3 secs
Operating Temperature Range - 40°C to 125°C
Storage Temperature Range
- 40°C to 155°C
Relative Humidity
85% (at 40°C)
Weight
13.5 gr Approximately
Material Compliant To
EU RoHS V2. EU REACH V3
Example:
PTRH
-1C
-12
S
-OT5
-X
Model: PTRH (PTRH-OT)
Contact Form: 1A, 1B, 1C
Coil Voltage: 3, 5, 6, 9, 12, 15, 24, 48, 110
Enclosure: S: Sealed; E: Covered C: Dust Cover
Package Height: Nil: Standard: L: Low Profile (Terminals Exposed)
Coil Sensitivity: Nil: 0.9 W; 0.6: 0.6 W;
Contact Material: Nil: AgCdO; T: AgSnO2
Mounting Type: OT2: Form 1A PCB & QC; OT3; Form 1C PCB & QC:
OT4: 1A Panel all QC; OT5: 1C Panel all QC
RoHS Compliant: -X
Box Quantity: 600; Inner Box 300
Meets UL 508 and UL 873 Spacing - 3.18 mm Through Air, 6.36 mm
Over Surface.


Similar Part No. - PTRH-OT

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH-OT PICKER-PTRH-OT_16 Datasheet
1Mb / 3P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_17 Datasheet
4Mb / 4P
   30 Amp Power PCB Relay
More results

Similar Description - PTRH-OT

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
   30 Amp Power PCB Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
   30 AMP Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
   30 Amp Power PCB Relay
PTRH PICKER-PTRH Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH PICKER-PTRH_15 Datasheet
320Kb / 2P
   30 Amp Power PCB Relay
PTRH-T PICKER-PTRH-T_15 Datasheet
272Kb / 2P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_16 Datasheet
1Mb / 3P
   30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_17 Datasheet
4Mb / 4P
   30 Amp Power PCB Relay
PC537 PICKER-PC537_15 Datasheet
516Kb / 2P
   Ultraminiature 30 Amp Automotive PCB Power Relay
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com