Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMX-918-D16-G Datasheet(PDF) 2 Page - RF Micro Devices

Part # UMX-918-D16-G
Description  ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

UMX-918-D16-G Datasheet(HTML) 2 Page - RF Micro Devices

  UMX-918-D16-G Datasheet HTML 1Page - RF Micro Devices UMX-918-D16-G Datasheet HTML 2Page - RF Micro Devices UMX-918-D16-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
UMX-918-D16-G
DS110901
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature[1]
-40 to +85
°C
Storage Temperature
-55 to +125
°C
[1] Frequency drift: 8MHz typical (either extreme).
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency Range
3230
3410
MHz
Tuning Voltage
0
18
VDC
Tuning Sensitivity
13
MHz/V
Output Power
-2.5
0
2.5
dBm
-2.5
dBm
At VT=0
Output Phase Noise
-84
-79
dBc/Hz
1kHz
-112
-108
dBc/Hz
10kHz
-132
-129
dBc/Hz
100kHz
-152
-149
dBc/Hz
1000kHz
-162
-155
dBc/Hz
10000kHz
Second Harmonic
-20
-10
dBc
Frequency Pulling
0.3
1
MHz p-p
At 12dBr, all phases
Tuning Port Capacitance
10
pF
Modulation Bandwidth
5000
kHz
3dB BW
Frequency Pushing
0.2
0.5
MHz/V
Power Supply
Operating Voltage
8
V
Supply Current
30
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - UMX-918-D16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMX-903-D16-G RFMD-UMX-903-D16-G Datasheet
260Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-999-D16-G RFMD-UMX-999-D16-G Datasheet
261Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
More results

Similar Description - UMX-918-D16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMX-630-D16-G RFMD-UMX-630-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-1132-D16-G RFMD-UMX-1132-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-903-D16-G RFMD-UMX-903-D16-G Datasheet
260Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-999-D16-G RFMD-UMX-999-D16-G Datasheet
261Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-113-D16-G RFMD-UMX-113-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-333-D16-G RFMD-UMX-333-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATORS
UMX-512-D16-G RFMD-UMX-512-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATOR
UMX-870-D16-G RFMD-UMX-870-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATOR
UMX-164-D16-G RFMD-UMX-164-D16-G Datasheet
259Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATOR
UMX-538-D16-G RFMD-UMX-538-D16-G Datasheet
260Kb / 3P
   ULTRA-LOW NOISE COAXIAL RESONATOR OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com