Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMZ-195-D16-G Datasheet(PDF) 3 Page - RF Micro Devices

Part # UMZ-195-D16-G
Description  MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

UMZ-195-D16-G Datasheet(HTML) 3 Page - RF Micro Devices

  UMZ-195-D16-G Datasheet HTML 1Page - RF Micro Devices UMZ-195-D16-G Datasheet HTML 2Page - RF Micro Devices UMZ-195-D16-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
UMZ-195-D16-G
DS120109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing & Pin Outs
12.7mm x 12.7mm x 5.59mm (0.5in x 0.5in x 0.22in)


Similar Part No. - UMZ-195-D16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMZ-104-A16-G RFMD-UMZ-104-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-106-A16-G RFMD-UMZ-106-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-1087-A16-G RFMD-UMZ-1087-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED
UMZ-1089-D16-G RFMD-UMZ-1089-D16-G Datasheet
261Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED
UMZ-1154-D16-G RFMD-UMZ-1154-D16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED
More results

Similar Description - UMZ-195-D16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMZ-268-D16-G RFMD-UMZ-268-D16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-442-A16-G RFMD-UMZ-442-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-281-A16-G RFMD-UMZ-281-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-262-A16-G RFMD-UMZ-262-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-290-A16-G RFMD-UMZ-290-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-348-A16-G RFMD-UMZ-348-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-505-A16-G RFMD-UMZ-505-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-104-A16-G RFMD-UMZ-104-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-140-A16-G RFMD-UMZ-140-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
UMZ-346-A16-G RFMD-UMZ-346-A16-G Datasheet
260Kb / 3P
   MICROSTRIP VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com