Selected language     English  ▼


KTD1003_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1003_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2001. 3. 22
2/2
KTD1003
Revision No : 4
h
- I
C
COLLECTOR CURRENT I
(A)
10m
50
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
FE
C
30m
100m
300m
1
3
10
5
100
300
500
1k
3k
5k
10k
V
=10V
CE
CE
V
=5.0V
CE
V
=2.0V
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
PULSED
5mA
4mA
3mA
2mA
I =1mA
B
6mA
7mA
8mA
9mA
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
V
C
COLLECTOR CURRENT I
(A)
CE(sat)
C
BE(sat)
V
- I
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
10k
5k
3k
1k
500
300
100
510
3
1
300m
100m
30m
50
10m
V
=5.0V
CE
Ta=75 C
Ta=25 C
Ta=-25 C
0.01
0.03
0.03
0.1
0.3
1
3
10
0.01
0.1
0.3
1
3
10
V
: I /I =20
BE(sat)
B
C
50
20
VCE(sat)
I /I =100
C B
PULSED
1.0
0.8
0.6
0.4
0.2
20
16
12
8
4
0
0
30
A
250µ
A
200µ
A
150µA
100µA
500
µA
I =50
µA
B




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl