Selected language     English  ā–¼


KTD1302_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1302_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
1995. 10. 17
2/2
KTD1302
Revision No : 0
0
100
30
3
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
V
- I
C
COLLECTOR CURRENT I
(A)
0.01
0.01
CE(sat)
C
0.03
0.1
0.3
1
0.03
0.1
0.3
1
I /I =25
C B
Ta=75 C
Ta=25 C
Ta=-25 C
R
- I
B
BASE CURRENT I
(mA)
0.01
0
0.03
0.01
0.003
0.001
COLLECTOR CURRENT I
(A)
C
h
- I
ob
CB
4
8
12
16
20
24
50
10
5
I =0
Ta=25 C
f=1MHz
E
FE
C
200
400
600
800
1k
1.2k
0.1
0.3
1
V
=2V
CE
on
B
0.03
0.1
0.3
1
3
10
0.1
0.3
1
3
10
30
100
300
1k
f=1kHz
V=0.3V
Vh V VA
~
I =1mA
B
0.05
0.5




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl