Selected language     English  ā–¼


KTD1413_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1413_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/2
KTD1413
Revision No : 1
0
CE
4
3
25
1
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
I
- V
C
10
100
0.01
COLLECTOR CURRENT I
(A)
0.03
1
0.1
0.3
C
FE
h
- I C
50
0.3
100
0.01
COLLECTOR CURRENT I
(A)
0.03
1
0.1
0.3
0.5
C
CE(sat)
V
- I C
3.0
5.0
1
COLLECTOR-EMITTER VOLTAGE V
(V)
350
510
30
CE
SAFE OPERATING AREA
1
2
3
4
5
Tc=25 C
COMMON EMITTER
0.5mA
0.4mA
0.35mA
B
I =0.3mA
30
50
300
500
1000
3000
5000
10000
35 10
COMMON EMITTER
V
=2V
CE
200
150
100
50
AMBIENT TEMPERATURE Ta ( C)
0
10
30
10
5
3
1
0.5
0.1
35 10
0.1
0.5
1
3
5
10
30
0.01
100
0.3
50
10
5
3
C
0.5
0.3
0.1
1
0.03
COLLECTOR CURRENT I
(A)
C
I /I =1000
COMMON EMITTER
B
B
COMMON EMITTER
I /I =1000
C
1.0
0.5
0.3
0.1
0.05
0.03
0.01
10
100
300
1000
*PW=100
Āµ
S
*10mS
I
MAX.
C
(PULSED)
* SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
P
- Ta
C
20
30
40
Tc=Ta
INFINITE HEAT SINK
C
V
- I
BE(sat)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl