Selected language     English  ▼


KTD1414_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1414_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/2
KTD1414
Revision No : 2
0
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
13
10
30
0.3
5
3
0.2
COLLECTOR CURRENT I
(A)
C
V
- I
12345
1
2
3
4
COMMON EMITTER
Tc=25 C
500
450
400
350
300
250
I =200
µA
0
B
1234
5
1
2
3
4
COMMON EMITTER
Tc=100 C
300
250
200
175
150
0
I =125
µA
B
12345
1
2
3
4
Tc=-55 C
COMMON EMITTER
800
700
600
500
0
I =400
µA
B
CE(sat)
C
1
0.5
0.5
1
3
COMMON EMITTER
I /I =500
C
B
Tc=-55 C
Tc=25 C
Tc=100 C
100
300
0.05
0.1
0.3
0.5
1
3
5
10
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX.(PULSED)
C
*
C
I
MAX.
(CONTINUOUS)
h
- I
C
COLLECTOR CURRENT I
(A)
0.1
300
FE
C
0.3
0.5
1
3
5
10
500
1k
3k
5k
10k
COMMON EMITTER
V
=2V
CE
Tc=100
C
Tc=25
C
Tc=-55
C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl