Selected language     English  ā–¼


KTD1415_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1415_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/3
KTD1415
Revision No : 1
0.3
1
0
10
CE
8
6
410
2
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE(sat)
V
- I C
10
3
120
0.4
CE
I
- V
C
0.3
300
COLLECTOR CURRENT I
(A)
13
10
30
C
FE
h
- I C
2
4
6
8
12
COMMON EMITTER
Tc=25 C
1.4
1.2
1.0
0.8
0.6
0.4
I =0.2mA
B
0
12
0
COLLECTOR-EMITTER VOLTAGE V
(V)
210
46
8
CE
8
6
4
2
10
0
C
I
- VCE
Tc=100 C
COMMON EMITTER
1.0
0.8
0.6
0.4
0
B
I =0.2mA
12
0
COLLECTOR-EMITTER VOLTAGE V
(V)
210
46
8
CE
8
6
4
2
10
0
C
I
- VCE
COMMON EMITTER
Tc=-50 C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
B
I =0.5mA
0
500
1000
3000
5000
10000
20000
COMMON EMITTER
V
=3V
CE
Tc=100
C
25
-50
C
COLLECTOR CURRENT I
(A)
0.5
3
5
C
I /I =500
COMMON EMITTER
B
5
3
0.5
1
0.4
20
13
10
C
V
- I
BE(sat)
B
COMMON EMITTER
I /I =500
C
COLLECTOR CURRENT I
(A)
C
10
Tc=100 C
25
-50
-50
25
Tc=100 C
5
5




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl