Selected language     English  ā–¼


KTD1415V Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KTD1415V
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 3 page
background image
2007. 5. 22
3/3
KTD1415V
Revision No : 1
10
100
1
0
BE
1.6
1.2
02.0
0.8
BASE-EMITTER VOLTAGE V
(V)
0.4
th
r
- t w
1
0.1
0.01
10
0.001
PULSE WIDTH t
(sec)
BE
I
- V
C
1
2
3
4
5
6
7
2.4
2.8
3.2
COMMON EMITTER
V
=3V
CE
w
0.1
100
1000
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA.
(SIGLE NONREPETITIVE PULSE)
1 INFINITE HEAT SINK
2 NO HEAT SINK
1
2
SAFE OPERATING AREA
5
3
1
0.5
0.3
0.1
0.05
0.03
3
COLLECTOR-EMITTER VOLTAGE V
(V)
10
1
30
100
CE
10
I
MAX.(PULSED)
C
C
I
MAX.
(CONTINUOUS)
10
mS
100m
S
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl