Selected language     English  ā–¼


KTD1937_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD1937_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/2
KTD1937
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
C
COLLECTOR CURRENT I
(A)
0.1
0.3
10
30
0.1
1
0.1
0.01
0.001
PULSE WIDTH t
(S)
w
r
- t
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
1
3
10
30
30
10
0.3
0.1
COLLECTOR CURRENT I
(A)
C
V
- I
V
- I
CE
C
C
COLLECTOR CURRENT I
(A)
0
0
4
8
12
16
4
8
12
16
COMMON
Tc=25 C
EMITTER
80
60
50
40
30
20
15
10
6
4
0
I =2mA
B
2
4
6
8
10
12
14
16
0.2
0.4
0.6
0.8
1.0
1.2
COMMON EMITTER
Tc=25 C
I =5mA
B
10
20
40
60 80 100
150
200
300
FE
C
3
15
30
50
100
300
500
1k
3k
COMMON EMITTER
V
=1V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
CE(sat)
C
3
1
0.01
0.03
0.05
0.1
0.3
0.5
1
3
COMMON EMITTER
I /I =100
C
B
Tc=100
C
Tc=25 C
Tc=-25 C
th
w
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA.
(SINGLE NONREPETITIVE PULSE)
(1) NO HEAT SINK
(2) INFINITE HEAT SINK (Tc=25 C)
10
100
1
10
100
1k
(1)
(2)
100
300
0.02
0.05
0.1
0.3
0.5
1
3
5
10
30
SINGLE NONREPETIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX.(PULSED)
C
C
I
MAX.
(CONTINUOUS)
*
Revision No : 3




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl