Selected language     English  ā–¼


KTD2092_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD2092_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2007. 5. 22
2/2
KTD2092
Revision No : 3
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
V
=1V
COMMON EMITTER
3k
1k
500
300
5
100
50
10
3
C
FE
1
0.3
0.1
0.05
COLLECTOR CURRENT I
(A)
C
h
- I
Tc=100 C
Tc=25 C
Tc=-55 C
COMMON
EMITTER
Ta=25 C
0.1
1
0.1
0.01
0.001
PULSE WIDTH t
(S)
w
r
- t
th
w
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA. COMMON
EMITTER(SINGLE NONREPETITIVE PULSE)
(1) NO HEAT SINK
(2) INFINITE HEAT SINK (Tc=25 C)
10
100
1
10
100
1k
(1)
(2)
SINGLE NONREPETIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX.(PULSED)
C
C
I
MAX.
(CONTINUOUS)
20
10
5
3
1
0.5
0.3
0.1
0.05
0.02
SAFE OPERATING AREA
200
100
30
10
3
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
V
=1V
V
=2V
CE
CE
V
=5V
Tc=25 C
COMMON EMITTER
3k
1k
500
300
5
100
50
10
3
C
FE
1
0.3
0.1
0.05
COLLECTOR CURRENT I
(A)
C
h
- I
Tc=-55 C
Tc=25 C
Tc=1
00
C
V
- I
C
COLLECTOR CURRENT I
(A)
0.05
0.1
0.3
1
CE(sat)
C
310
0.02
5
COMMON EMITTER
2
4
6
8
10
12
14
16
0.4
0.8
1.2
1.6
2.0
2.4
2.8
20
10
4
2
1.4
1
0.5
0
I =0.2mA
B
V
=5V
CE
CE
V
=1V
V
=2V
CE
0.05
0.1
0.3
0.5
1
3
I /I =100
C
B
CE




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl