Selected language     English  ā–¼


KTD2686_15 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD2686_15
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

   
 2 page
background image
2004. 11. 22
2/2
KTD2686
Revision No : 1
CE
COLLECTOR EMITTER VOLTAGE V
(V)
0
0
0.8
1.6
2.4
3.2
4
I
- V
CCE
26
8
V
=2V
CE
0.1
1
0.3
0.5
5
3
10
COLLECTOR CURRENT I
(A)
0.5
0.3
1
3
C
510
V
- I
CE(sat)
C
Ta=100 C
COMMON
EMITTER
Ta=25 C
BE
BASE EMITTER VOLTAGE V
(V)
0
0
0.8
1.6
2.4
3.2
1.6
I
- V
CBE
0.8
2.4
3.2
COMMON
EMITTER
0.03
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
0.05
0.1
0.3 0.5
100
300
500
1000
3000
5000
10000
1
3
5
10
V
=2V
CE
COMMON
EMITTER
I /I =500
CB
COMMON
EMITTER
0.1
1
0.3
0.5
5
3
10
COLLECTOR CURRENT I
(A)
0.5
0.3
1
3
C
510
V
- I
BE(sat)
C
I /I =500
CB
COMMON
EMITTER
0.1
COLLECTOR EMITTER VOLTAGE V
(V)
CE
110
0.01
0.1
1
(* SINGLE NONREPETITIVE
PULSE Ta=25 C )
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
MOUNTED ON FR4 BOARD
(Cu area : 645 mm , glass epoxy, t=1.6mm)
SAFE OPERATING AREA
100
10
I
MAX(Pulse)
C
DC
Operation
2
I =0.18mA
B
3
0.22
0.3
0.5
1
0.20
Ta=100
C
Ta=-55 C
Ta=55 C
Ta=-55 C
Ta=25
C
Ta=-55
C
Ta=100
C
Ta=25 C
Ta=100
C
Ta=25 C
I
MAX(Continuous)
C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl