Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTN2222S Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTN2222S
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTN2222S Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTN2222S_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTN2222S_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTN2222S_15 Datasheet HTML 3Page - KEC(Korea Electronics) KTN2222S_15 Datasheet HTML 4Page - KEC(Korea Electronics) KTN2222S_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1999. 5. 4
3/5
KTN2222S/AS
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Impedance
KTN2222AS
hie
IC=1mA, VCE=10V, f=1kHz
2
-
8
k
IC=10mA, VCE=10V, f=1kHz
0.25
-
1.25
Voltage Feedback Ratio
KTN2222AS
hre
IC=1mA, VCE=10V, f=1kHz
-
-
8
x10
-4
IC=10mA, VCE=10V, f=1kHz
-
-
4
Small-Singal Current Gain
KTN2222AS
hfe
IC=1mA, VCE=10V, f=1kHz
50
-
300
IC=10mA, VCE=10V, f=1kHz
75
-
375
Collector Output Admittance
KTN2222AS
hoe
IC=1mA, VCE=10V, f=1kHz
5
-
35
IC=10mA, VCE=10V, f=1kHz
25
-
200
Collector-Base Time Constant
KTN2222AS
Cc・rbb’
IE=20mA, VCB=20V, f=31.8MHz
-
-
150
pS
Noise Figure
KTN2222AS
NF
IC=100μ
A, VCE=10V,
Rg=1k
Ω, f=1kHz
-
-
4
dB
Switching Time
Delay Time
td
VCC=30V, VBE(OFF)=0.5V
IC=150mA, IB1=15mA
-
-
10
nS
Rise Time
tr
-
-
25
Storage Time
tstg
VCC=30V, IC=150mA
IB1=-IB2=15mA
-
-
225
Fall Time
tf
-
-
60
μ


Similar Part No. - KTN2222S_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2222S KEC-KTN2222S_12 Datasheet
382Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTN2222S_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com