Selected language     English  ▼


J-CAP_15 Datasheet(PDF) 2 Page - AVX Corporation

Part No. J-CAP_15
Description  Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

   
 2 page
background image
120
JULY 2015
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
4.7 μF to 1500 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.1CV
Rated Voltage (VR)
+85ºC:
6.3
16
25
35
50
Surge Voltage (VS)
+85ºC:
8
21
33
46
65
Temperature Range:
-55°C to +105°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance
60% confidence level
TECHNICAL SPECIFICATIONS
J-CAP Series
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
Capacitance
Rated Voltage DC to 85°C, [mJ]
μF
Code
6.3V (J)
16V (C)
25V (E)
35V (V)
50V (T)
4.7
475
T(200)
[1.8]
10
106
T(200)
[3.9]
22
226
T(200)*
[4.3]
33
336
L(200)/T(200) [3.3]
T(250)*
[6.5]
4(200)*
[26.3]
47
476
L(200)*/T(200) [4.7]
X(100)
[9.2]
X(100)*
[18.2]
100
107
L(200)
[1.2]
3(70)*
[19.6]
4(150)*
[38.8]
3(150)*
150
157
L(200)/T(200) [1.7]
X(70)
[14.9]
4(70)*
[29.3]
220
227
T(200)*
[2.6]
4(70)
[21.8]
330
337
4(70)
[32.7]
470
477
X(50)
[5.4]
1000
108
3(100)*
[11.6]
X(200)/4(55)
1500
158
4(55)
[17.4]
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets) [Energy in mJ]
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl