Selected language     English  ▼


J-CAP_15 Datasheet(PDF) 3 Page - AVX Corporation

Part No. J-CAP_15
Description  Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

   
 3 page
background image
JULY 2015
121
J-CAP Series
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Energy is calculated by this formula (consider derating factor):
Energy = ½ C x ((Vr x X)
2 – Vx2)
where C = Capacitance
Vr = Rated Voltage
X = Recommended derating factor
Vx= 3V (invariable)
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance is measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated
voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 218.
NOTE: AVX reserves the right to supply a higher voltage rating in the same case size, to the same reliability standards.
Rated
Rated
Category
Product
DCL
DF
ESR
ENERGY
AVX
Case
Cap
Voltage
Temp.
Voltage
Category
(μA)
%
Max. (mΩ)
MSL
Energy
Energy/volume
Energy/area
Part No.
Size
(μF)
(V)
(ºC)
(V)
Max.
Max.
@ 100kHz
(mJ)
(mJ/cm
3)
(mJ/cm
2)
6.3 Volt @ 85°C
TCNL107M006#0200
L
100
6.3
85
5
105°C
60
10
200
3
1.2
118
11.8
TCNL157M006#0200
L
150
6.3
85
5
105°C
90
10
200
3
1.7
177
17.7
TCNT157M006#0200
T
150
6.3
85
5
105°C
90
10
200
3
1.7
147
17.7
TCNT227M006#0200
T
220
6.3
85
5
105°C
132
10
200
3
2.6
216
26.0
TCNX477M006#0050
X
470
6.3
85
6.3
85°C
282
6
50
3
5.4
116
17.3
TCNX108M006#0200
X
1000
6.3
85
6.3
85°C
600
30
200
3
11.6
246
36.9
TCN3108M006#0100
3
1000
6.3
85
6.3
85°C
600
20
100
4
11.6
176
26.4
TCN4108M006#0055
4
1000
6.3
85
6.3
85°C
600
20
55
4
11.6
127
26.4
TCN4158M006#0055
4
1500
6.3
85
6.3
85°C
900
20
55
4
17.4
190
39.6
16 Volt @ 85°C
TCNL336M016#0200
L
33
16
85
16
85°C
52.8
6
200
3
3.3
334
33.4
TCNT336M016#0200
T
33
16
85
16
85°C
52.8
6
200
3
3.3
277
33.4
TCNL476M016#0200
L
47
16
85
16
85°C
75.2
6
200
3
4.7
476
47.6
TCNT476M016#0200
T
47
16
85
16
85°C
75.2
6
200
3
4.7
395
47.6
TCNX157M016#0070
X
150
16
85
16
85°C
240
6
70
3
14.9
316
47.4
TCN4227M016#0070
4
220
16
105
16
105°C
352
20
70
4
21.8
239
49.8
TCN4337M016#0070
4
330
16
85
16
85°C
528
20
70
3
32.7
359
74.7
25 Volt @ 85°C
TCNT226M025#0200
T
22
25
85
25
85°C
55
10
200
3
4.3
364
43.9
TCNT336M025#0250
T
33
25
85
25
85°C
82.5
10
250
3
6.5
547
65.8
TCNX476M025#0100
X
47
25
105
25
105°C
117.5
6
100
3
9.2
195
29.3
TCN3107M025#0070
3
100
25
85
25
85°C
250
20
70
4
19.6
298
44.6
TCN4157M025#0070
4
150
25
85
25
85°C
375
20
70
4
29.3
322
67.0
35 Volt @ 85°C
TCNT475M035#0200
T
4.7
35
85
35
85°C
16.5
10
200
3
1.8
154
18.6
TCNT106M035#0200
T
10
35
85
35
85°C
35
10
200
3
3.9
328
39.5
TCNX476M035#0100
X
47
35
85
28
105°C
165
10
100
3
18.2
387
58.0
TCN3107M035#0150
3
100
35
85
35
85°C
350
20
150
4
38.8
590
88.5
TCN4107M035#0150
4
100
35
85
35
85°C
350
20
150
4
38.8
425
88.5
50 Volt @ 85°C
TCN4336M050#0200
4
33
50
85
50
85°C
165
20
200
4
26.3
288
59.9
RECOMMENDED DERATING
Rated Voltage/
≤ 85°C
105°C
Operating Temp.
≤ 10V
90%
90%
16V
90%
80%
≥ 20V
80%
80%




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl