Selected language     English  ▼


J-CAP_15 Datasheet(PDF) 1 Page - AVX Corporation

Part No. J-CAP_15
Description  Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

   
 1 page
background image
JULY 2015
119
TCN
Type
4
Case Size
See table
above
158
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M = ±20%
006
Rated DC Voltage
006 = 6.3Vdc
016 = 16Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
HOW TO ORDER
R
Packaging
R = Pure Tin 7" Reel
0055
ESR in mΩ
FEATURES
• Highest Energy per volume
• Conductive polymer electrode offers benign failure mode
under recommended use conditions
• Low ESR
• Undertab terminations layout:
- High Volumetric Efficiency
- Low profile case sizes
- High capacitance in smaller dimensions
- Close positioning of several parts for efficient high density PCB layout
• 3x reflow 260°C compatible
APPLICATIONS
• Power backup for SSDs (MLC, SLC, EFD, PCIe), battery-powered portable equipment,
industrial alarms, smart power meters, and mobile devices.
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H max.
W
P+0.50 (0.020)
W
N±0.20
A
P+0.30 (0.012)
A
N+0.30 (0.012)
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
-0.20 (0.008)
L
1210
3528-10
3.50 (0.138)
2.80 (0.110)
1.00 (0.039)
2.10 (0.083)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047)
2.10 (0.083)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059)
3.25 ± 0.20
3.25 (0.128)
2.00 (0.079)
3.20 (0.126)
(0.128±0.008)
Code
EIA
EIA
L±0.30
W±0.30
H max.
W
1±0.20
A
P+0.30 (0.012)
A
N+0.30 (0.012)
Code
Metric
(0.012)
(0.012)
(0.008)
-0.20 (0.008)
-0.20 (0.008)
3
2924
7361-15
7.30 (0.287)
6.00 (0.240)
1.50 (0.059)
4.75 (0.187)
2.00 (0.079)
3.20 (0.126)
4
2924
7361-20
7.30 (0.287)
6.00 (0.240)
2.00 (0.079)
4.75 (0.187)
2.00 (0.079)
3.20 (0.126)
W1 dimension applies to the termination width for A dimensional area only.
LEAD-FREE COMPATIBLE
COMPONENT
J-CAP Series
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
4, X CASE
XXXXX
158 J
AVX LOGO
Polymer
Capacitance Value in pF
158 = 1500µF
Rated Voltage
J = 6.3V
Lot Code
Polarity
Band
(Anode+)
L, T CASE
XXXXX
156 J
AVX LOGO
Polymer
Capacitance Value in pF
156 = 15µF
Rated Voltage
J = 6.3V
ID Code
Polarity
Band
(Anode+)
MARKING
MAXIMUM ENERGY
PER CASE SIZE
W
_
+
H
W1
AN
AP
SW1
L
Polarity Band
(Anode+)
W
Under development
Case
Approved
Under
Size
(mJ)
development
(mJ)
L3.3
4.7
T4.7
6.5
X
14.9
18.2
3
38.8
4
32.7
38.8




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl