Selected language     English  ▼


H-4ADHD Datasheet(PDF) 1 Page - THOR communications

Part No. H-4ADHD
Description  4CH HDMI / Component HD Encoder & Channel Modulator with CC and AC3 Audio
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THOR [THOR communications]
Homepage  http://www.thorfiber.com
Logo 

   
 1 page
background image
Technical Specifications
Inputs
4x HDMI, YPbPr, Toslink, & CC-608, ASI
Outputs
5x RF: DVB-T, DVB-C, QAM, or ATSC
4x IPTV: UDP or RTP unique IP & Ports
Codecs
Video
MPEG-2, H.264
Audio
MPEG1 Layer2, MPEG2 Layer2
Dolby AC/3, HD-AAC V2, LC-AAC
ASI Input
1x BNC 188/204 Format up to 80 Mbps
ASI Output
1x BNC 188/204 Format MPTS or SPTS
Management
Dedicated web server on 10/100 Ethernet
Digital HDTV modulators from Thor are used for converting live video & audio signals to
standard television channels to simplify video distribution. These systems are compound
devices that combine all of layers of equipment found in a cable television headend system.
The H-4ADHD system is designed to meet the demand for features such as closed captioning,
digital suround sound audio, and both component and HDMI input options. These systems are
simple to configure and manage, and are designed to be controlled through a web browser.
This simplifies larger systems with many units that might be in a difficult to access rack or
cabinet location.
Data Sheet: H-4ADHD-xxxx-xx
4CH HDMI / Component HD Encoder & Channel
Modulator with CC and AC3 Audio
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467
4x HD Video Encoders
5X Digital RF Modulator
4 HDMI Inuts
4 Component Video Inpits
Closed Captioning
AC3 Audio
MPEG2 or H.264
CATV QAM Output or ATSC
Output
ASI Output for TS contribution
ASI input for TS multilexing
IP Web controll
Front panel LCD control
Power
120-240 VAC Auto Switching PSU
Consumption < 75W
Enclosure
19 in standard equipment Rack Mount
RF Interface
75 Ohm Type-F Coax connector
1x Port Internal RF combiner provided
Weight
8.6 lb – 3.9 kg
Environment
<90 Relative Humidity, non condensing
30 – 140 F; 0 – 60 C
Warranty
5 Years, Full Parts and Service
Common Applications :
1-4 HDMI + Closed captioning to RF CATV QAM Channel
1-4 Component Video + Closed captioning to RF CATV QAM Channel
1-4 HDMI + Closed captioning to RF ATSC Channel
1-4 Component Video + Closed captioning to RF ATSC Channel
1-4 HDMI + Closed captioning to IP, (MPEG2 or H.264) -unicast / multicast
1-4 Component Video + Closed captioning to IP, (MPEG2 or H.264) unicast / multicast
1-4 HDMI + Closed captioning to ASI, (MPEG2 or H.264)
1-4 Component Video + Closed captioning to ASI, (MPEG2 or H.264)
If no computer is available, all settings can also be made through the front panel. The H-4ADHD has four video inputs. These inputs can
be either HDMI or Component video YPbPr. Each of the four channels can encode video from one of the input types. This modulator only
accepts either analog or digital HD video signals; it will not encode standard definition SD video. The RF format, or the type of channels
that are generated must be selected at the time of ordering. All world digital HDTV formats are supported; including DVB-T, DVB-C, US
Cable (QAM), and US Free To Air ATSC (8VSB). The type of channel output is indicated in the model number. An additional option is Low
Latency encoding, indicated by an LL in the model number. Low latency units are able to encode approximately 10x faster than standard
units, making them better suited for live events or applications requiring low delay. In addition to digital television RF output; these systems
also output two other useful formats. IPTV output is provided on a dedicated network port in the form of UDP MPEG-TS streams, and ASI
output in the form of a serial program stream is provided for broadcasters, and broadcast contribution.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl