Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P274-1279T Datasheet(PDF) 10 Page - Tyco Electronics

Part # MA4P274-1279T
Description  Surface Mount Plastic PIN Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P274-1279T Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MA4P274-1279T Datasheet HTML 3Page - Tyco Electronics MA4P274-1279T Datasheet HTML 4Page - Tyco Electronics MA4P274-1279T Datasheet HTML 5Page - Tyco Electronics MA4P274-1279T Datasheet HTML 6Page - Tyco Electronics MA4P274-1279T Datasheet HTML 7Page - Tyco Electronics MA4P274-1279T Datasheet HTML 8Page - Tyco Electronics MA4P274-1279T Datasheet HTML 9Page - Tyco Electronics MA4P274-1279T Datasheet HTML 10Page - Tyco Electronics MA4P274-1279T Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
G
J
E
K
A
H
M
C
F
B
L
P
N
D
10
Case Styles (Cont’d)
SOD-323
Case Style 1141
SOD-323 (Case Style 1141)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.043
1.1
B
0.004
0.1
C
0.008
0.2
D
0.010
0.016
0.25
0.4
E
0.003
0.006
0.08
0.15
F
0.063
0.075
1.6
1.9
G
0.045
0.057
1.15
1.45
H
0.091
0.106
2.3
2.7
F
D
H
G
C
E
A
B
SOT-143
Case Style 1068
SOT-143 (Case Style 1068)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.044
1.10
B
0.004
0.10
C
D
0.013
0.020
0.35
0.50
E
0.030
0.035
0.75
0.90
F
0.003
0.006
0.08
0.15
G
0.110
0.119
2.80
3.00
H
0.047
0.056
1.20
1.40
J
0.075 typical
1.90 typical
K
0.075 typical
1.90 typical
L
0.103
2.6
M
DIM.
GRADIENT
M
10
° max. 1
N
2
° . . . 30°
0.040
0.024
1.00
0.6
Note: 1. Applicable on all sides


Similar Part No. - MA4P274-1279T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P274-1225 MACOM-MA4P274-1225 Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
MA4P274-1225 MACOM-MA4P274-1225 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
More results

Similar Description - MA4P274-1279T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com