Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG21W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG21W
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG21W Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG21W_15 Datasheet HTML 1Page - NXP Semiconductors BFG21W_15 Datasheet HTML 2Page - NXP Semiconductors BFG21W_15 Datasheet HTML 3Page - NXP Semiconductors BFG21W_15 Datasheet HTML 4Page - NXP Semiconductors BFG21W_15 Datasheet HTML 5Page - NXP Semiconductors BFG21W_15 Datasheet HTML 6Page - NXP Semiconductors BFG21W_15 Datasheet HTML 7Page - NXP Semiconductors BFG21W_15 Datasheet HTML 8Page - NXP Semiconductors BFG21W_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1998 Jul 06
2
NXP Semiconductors
Product specification
UHF power transistor
BFG21W
FEATURES
 High power gain
 High efficiency
 1.9 GHz operating area
 Linear and non-linear operation.
APPLICATIONS
 Common emitter class-AB output stage in hand held
radio equipment at 1.9 GHz such as DECT, PHS, etc.
 Driver for DCS1800, 1900.
DESCRIPTION
NPN double polysilicon bipolar power transistor with
buried layer for low voltage medium power applications
encapsulated in a plastic, 4-pin dual-emitter SOT343R
package.
PINNING
PIN
DESCRIPTION
1, 3
emitter
2base
4
collector
Fig.1 Simplified outline SOT343R.
Marking code: P1.
handbook, halfpage
Top view
MSB842
21
4
3
QUICK REFERENCE DATA
RF performance at Ts  60 C in a common emitter test circuit.
MODE OF OPERATION
f
(GHz)
VCE
(V)
PL
(dBm)
Gp
(dB)
C
(%)
Pulsed class-AB;
 <1: 2; t
p =5ms
1.9
3.6
26
10
typ.55


Similar Part No. - BFG21W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG21W JMNIC-BFG21W_15 Datasheet
94Kb / 12P
   UHF power transistor
More results

Similar Description - BFG21W_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com