Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8788PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF8788PBF
Description  Synchronous MOSFET for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8788PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF8788PBF Datasheet HTML 1Page - International Rectifier IRF8788PBF Datasheet HTML 2Page - International Rectifier IRF8788PBF Datasheet HTML 3Page - International Rectifier IRF8788PBF Datasheet HTML 4Page - International Rectifier IRF8788PBF Datasheet HTML 5Page - International Rectifier IRF8788PBF Datasheet HTML 6Page - International Rectifier IRF8788PBF Datasheet HTML 7Page - International Rectifier IRF8788PBF Datasheet HTML 8Page - International Rectifier IRF8788PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF8788PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
4
8
12
16
20
24
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τι (sec)
0.0141064
0.000057
0.0210000
0.000286
0.2184000
0.000375
0.8204000
0.001902
4.7558194
0.004544
0.4648000
0.013931
28.9076170
0.038563
15.1191958
2.069546
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci i
/Ri
Ci=
τi/Ri
τa
τ4
τ4
R4
R4
τ5
τ5
R5
R5
τ6
τ6
R6
R6
τ7
τ7
R7
R7
τ8
τ8
R8
R8
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 250μA
ID = 100μA


Similar Part No. - IRF8788PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   HEXFET Power MOSFET
IRF8788PBF IRF-IRF8788PBF Datasheet
233Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8788PBF-1 IRF-IRF8788PBF-1 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8788PBF-1 IRF-IRF8788PBF-1_15 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF8788PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com