Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU550A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFU550A
Description  NPN wideband silicon RF transistor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU550A Datasheet(HTML) 5 Page - NXP Semiconductors

  BFU550A_15 Datasheet HTML 1Page - NXP Semiconductors BFU550A_15 Datasheet HTML 2Page - NXP Semiconductors BFU550A_15 Datasheet HTML 3Page - NXP Semiconductors BFU550A_15 Datasheet HTML 4Page - NXP Semiconductors BFU550A_15 Datasheet HTML 5Page - NXP Semiconductors BFU550A_15 Datasheet HTML 6Page - NXP Semiconductors BFU550A_15 Datasheet HTML 7Page - NXP Semiconductors BFU550A_15 Datasheet HTML 8Page - NXP Semiconductors BFU550A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
BFU550A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2014
5 of 22
NXP Semiconductors
BFU550A
NPN wideband silicon RF transistor
Gp(max)
maximum power gain
f = 433 MHz; VCE =8V
[1]
IC =1mA
-
15
-
dB
IC = 15 mA
-
23.5 -
dB
IC =25mA
-
24
-
dB
f = 900 MHz; VCE =8V
[1]
IC = 1 mA
-
12.5 -
dB
IC =15mA
-
18
-
dB
IC =25mA
-
18
-
dB
f = 1800 MHz; VCE =8 V
[1]
IC = 1 mA
-
10.5 -
dB
IC =15mA
-
12
-
dB
IC =25mA
-
12
-
dB
s
21
2
insertion power gain
f = 433 MHz; VCE =8V
IC =1mA
-
10
-
dB
IC =15mA
-
21
-
dB
IC = 25 mA
-
21.5 -
dB
f = 900 MHz; VCE =8V
IC =1mA
-
8.5
-
dB
IC = 15 mA
-
15.5 -
dB
IC = 25 mA
-
15.5 -
dB
f = 1800 MHz; VCE =8 V
IC =1mA
-
5
-
dB
IC =15mA
-
10
-
dB
IC =25mA
-
10
-
dB
NFmin
minimum noise figure
f = 433 MHz; VCE =8V; S = opt
IC =1mA
-
0.5
-
dB
IC = 15 mA
-
0.9
-
dB
IC = 25 mA
-
1.2
-
dB
f = 900 MHz; VCE =8V; S = opt
IC =1mA
-
0.6
-
dB
IC = 15 mA
-
1.0
-
dB
IC = 25 mA
-
1.3
-
dB
f = 1800 MHz; VCE =8 V; S = opt
IC =1mA
-
0.7
-
dB
IC = 15 mA
-
1.1
-
dB
IC = 25 mA
-
1.4
-
dB
Table 9.
Characteristics …continued
Tamb =25 C unless otherwise specified
Symbol
Parameter
Conditions
Min Typ
Max Unit


Similar Part No. - BFU550A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU550A NXP-BFU550A Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
More results

Similar Description - BFU550A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
BFU550XR PHILIPS-BFU550XR_15 Datasheet
313Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-14 March 2014
BFU580G PHILIPS-BFU580G_15 Datasheet
299Kb / 21P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com