Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU610F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFU610F
Description  NPN wideband silicon RF transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU610F Datasheet(HTML) 3 Page - NXP Semiconductors

  BFU610F_15 Datasheet HTML 1Page - NXP Semiconductors BFU610F_15 Datasheet HTML 2Page - NXP Semiconductors BFU610F_15 Datasheet HTML 3Page - NXP Semiconductors BFU610F_15 Datasheet HTML 4Page - NXP Semiconductors BFU610F_15 Datasheet HTML 5Page - NXP Semiconductors BFU610F_15 Datasheet HTML 6Page - NXP Semiconductors BFU610F_15 Datasheet HTML 7Page - NXP Semiconductors BFU610F_15 Datasheet HTML 8Page - NXP Semiconductors BFU610F_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BFU610F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 11 January 2011
3 of 12
NXP Semiconductors
BFU610F
NPN wideband silicon RF transistor
4.
Marking
5.
Limiting values
[1]
Tsp is the temperature at the solder point of the emitter lead.
6.
Thermal characteristics
Table 4.
Marking
Type number
Marking
Description
BFU610F
D1*
* = p : made in Hong Kong
* = t : made in Malaysia
* = w : made in China
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
16
V
VCEO
collector-emitter voltage
open base
-
5.5
V
VEBO
emitter-base voltage
open collector
-
2.5
V
IC
collector current
-
10
mA
Ptot
total power dissipation
Tsp ≤ 90 °C
[1] -
136
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
440
K/W
Fig 1.
Power derating curve
Tsp (°C)
0
160
120
40
80
001aam802
100
50
150
200
Ptot
(mW)
0


Similar Part No. - BFU610F_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU610F NXP-BFU610F Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFU610F_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
BFU550XR PHILIPS-BFU550XR_15 Datasheet
313Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-14 March 2014
BFU580G PHILIPS-BFU580G_15 Datasheet
299Kb / 21P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com