Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9395MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9395MPBF
Description  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9395MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF9395MPBF Datasheet HTML 1Page - International Rectifier IRF9395MPBF Datasheet HTML 2Page - International Rectifier IRF9395MPBF Datasheet HTML 3Page - International Rectifier IRF9395MPBF Datasheet HTML 4Page - International Rectifier IRF9395MPBF Datasheet HTML 5Page - International Rectifier IRF9395MPBF Datasheet HTML 6Page - International Rectifier IRF9395MPBF Datasheet HTML 7Page - International Rectifier IRF9395MPBF Datasheet HTML 8Page - International Rectifier IRF9395MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF9395MPbF
2
© 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
† Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.012
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.3
7.0
–––
9.0
11.9
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-6.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
40
–––
–––
S
Qg
Total Gate Charge
–––
64
–––
Qg
Total Gate Charge
–––
32
–––
Qgs1
Pre- Vth Gate-to-Source Charge
–––
6.5
–––
VDS = -15V
Qgs2
Post -Vth Gate-to-Source Charge
–––
3.2
–––
VGS = -4.5V
Qgd
Gate-to-Drain Charge
–––
15
–––
ID = -11A
Qgodr
Gate Charge Overdrive
–––
7.3
–––
See Fig.15
Qsw
Switch charge (Qgs2 + Qgd)
–––
18.2
–––
Qoss
Output Charge
–––
23
–––
nC
RG
Gate Resistance
–––
15
–––
Ω
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
142
–––
td(off)
Turn-Off Delay Time
–––
76
–––
tf
Fall Time
–––
121
–––
Ciss
Input Capacitance
–––
3241
–––
Coss
Output Capacitance
–––
820
–––
Crss
Reverse Transfer Capacitance
–––
466
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
43
65
ns
Qrr
Reverse Recovery Charge
–––
62
93
nC
ns
pF
A
–––
–––
–––
–––
-57
-110
μA
m
Ω
nA
nC
di/dt = 260A/μs
h
TJ = 25°C, IS = -11A, VGS = 0V h
showing the
integral reverse
p-n junction diode.
VGS = -4.5V, ID = -11 A h
TJ = 25°C, IF = -11A, ,VDD = -15V
VGS = 0V
VDS = -15V
ID = -11A
VDD = -15V, VGS = -4.5VÃh
VDS = VGS, ID = -50μA
VDS = -16V, VGS = 0V
VGS = -20V
VGS = 20V
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1.0mA
VGS = -10V, ID = -14A h
VDS = -24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = -15V, ID = -11A
Conditions
See Fig.17
ƒ = 1.0KHz
VDS = -15V, VGS = -10V, ID = -11A
G
D
S


Similar Part No. - IRF9395MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

Similar Description - IRF9395MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com