Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9520NPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF9520NPBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9520NPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF9520NPBF_15 Datasheet HTML 1Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 2Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 3Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 4Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 5Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 6Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 7Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 8Page - International Rectifier IRF9520NPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF9520NPbF
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics,
Fig 1. Typical Output Characteristics,
Fig 3. Typical Transfer Characteristics
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-6.7A
0.1
1
10
100
4
5
6
7
8
9
10
V
= 10V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 175 C
J
°
T = 25 C
J
°
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-4.5V
-V
, Drain-to-Source Voltage (V)
DS
-4.5V
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
-15V
-10V
-8.0V
-7.0V
-6.0V
-5.5V
-5.0V
-4.5V
-V
, Drain-to-Source Voltage (V)
DS
-4.5V


Similar Part No. - IRF9520NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9520NPBF IRF-IRF9520NPBF Datasheet
156Kb / 8P
   HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRF9520NPBF KERSEMI-IRF9520NPBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRF9520NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com