Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU730LX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFU730LX
Description  NPN wideband silicon germanium RF transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU730LX Datasheet(HTML) 1 Page - NXP Semiconductors

  BFU730LX_15 Datasheet HTML 1Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 2Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 3Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 4Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 5Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 6Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 7Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 8Page - NXP Semiconductors BFU730LX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
NPN silicon germanium microwave transistor for high speed, low noise applications in a
SOT883C leadless ultra small plastic SMD package.
1.2 Features and benefits
Leadless ultra small plastic SMD package 1.0 mm
 0.6 mm  0.34 mm
Low noise high gain microwave transistor
Noise figure (NF) = 0.75 dB at 6 GHz
High maximum power gain (Gp(max)) of 15.8 dB at 6 GHz
Excellent linearity in WiFi LNA from 5 GHz to 5.9 GHz:
input third-order intercept point (IP3i) = 15 dBm
input power at 1 dB gain compression (Pi(1dB)) = 0 dBm
See application note AN11224: Low Noise Fast Turn ON/OFF 5-5.9GHz WiFi LNA with
BFU730LX.
110 GHz fT silicon germanium technology
1.3 Applications
Wi-Fi / WLAN
See application notes:
AN11223: Low Noise Fast Turn ON/OFF 2.4-2.5GHz WiFi LNA with BFU730LX
AN11224: Low Noise Fast Turn ON/OFF 5-5.9GHz WiFi LNA with BFU730LX
WiMAX
LNA for GPS, GLONASS, Galileo and Compass (BeiDou)
DBS (2nd LNA stage, mixer stage, DRO), SDARS
RKE, AMR / Zigbee
LNA for microwave communications systems
Low current battery equipped applications
Microwave driver / buffer applications
BFU730LX
NPN wideband silicon germanium RF transistor
Rev. 1 — 8 May 2013
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.


Similar Part No. - BFU730LX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU730LX NXP-BFU730LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFU730LX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ON5088 PHILIPS-ON5088_15 Datasheet
74Kb / 9P
   NPN wideband silicon germanium RF transistor
Rev. 3-12 December 2012
BFU790F PHILIPS-BFU790F_15 Datasheet
129Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-22 April 2011
BFU725F PHILIPS-BFU725F_11 Datasheet
148Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 2-3 November 2011
BFU725F NXP-BFU725F Datasheet
80Kb / 11P
   NPN wideband silicon germanium RF transistor
Rev. 01-13 July 2009
BFU710F PHILIPS-BFU710F Datasheet
134Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-20 April 2011
BFU760F NXP-BFU760F Datasheet
131Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-29 April 2011
BFU790F PHILIPS-BFU790F Datasheet
129Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-22 April 2011
BFU710F PHILIPS-BFU710F_15 Datasheet
134Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-20 April 2011
BFU730F NXP-BFU730F Datasheet
136Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-29 April 2011
BFU725F_N1 PHILIPS-BFU725F_N1_15 Datasheet
148Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 2-3 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com