Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA3018 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA3018
Description  1 GHz 18 dB gain wideband amplifier MMIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3018 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA3018_15 Datasheet HTML 1Page - NXP Semiconductors BGA3018_15 Datasheet HTML 2Page - NXP Semiconductors BGA3018_15 Datasheet HTML 3Page - NXP Semiconductors BGA3018_15 Datasheet HTML 4Page - NXP Semiconductors BGA3018_15 Datasheet HTML 5Page - NXP Semiconductors BGA3018_15 Datasheet HTML 6Page - NXP Semiconductors BGA3018_15 Datasheet HTML 7Page - NXP Semiconductors BGA3018_15 Datasheet HTML 8Page - NXP Semiconductors BGA3018_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BGA3018
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2013
2 of 15
NXP Semiconductors
BGA3018
1 GHz 18 dB gain wideband amplifier MMIC
2.
Pinning information
[1]
This pin is DC-coupled and requires an external DC-blocking capacitor.
[2]
The center metal base of the SOT89 also functions as heatsink for the power amplifier.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
RF_OUT and biasing
[1]
2GND
[2]
3RF_IN
[1]
321
sym130
2
1
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BGA3018
-
plastic surface-mounted package; exposed die pad
for good heat transfer; 3 leads
SOT89
OM7860
EVB
1 GHz 18 dB gain wideband amplifier application
-
OM7864
EVB
5 MHz to 300 MHz 18 dB reverse amplifier application -
OM7868
EVB
40 MHz to 1006 MHz push-pull amplifier application
-
OM7861
EVB
BGA301x wideband variable gain amplifier application -
Table 4.
Marking codes
Type number
Marking code
Description
BGA3018
*6Y
* = W : made in China
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
RF input AC coupled
0.6 +15
V
Pi
input power
single tone
-
20
dBm
Tstg
storage temperature
65 +150 C
Tj
junction temperature
-
150
C
Tamb
ambient temperature
40 +85
C
VESD
electrostatic discharge
voltage
Human Body Model (HBM);
According JEDEC standard 22-A114E
2-
kV
Charged Device Model (CDM);
According JEDEC standard 22-C101B
2-
kV


Similar Part No. - BGA3018_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3018 NXP-BGA3018 Datasheet
151Kb / 15P
   1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results

Similar Description - BGA3018_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3018 NXP-BGA3018 Datasheet
151Kb / 15P
   1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3022 NXP-BGA3022 Datasheet
220Kb / 14P
   1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 PHILIPS-BGA3022_15 Datasheet
220Kb / 14P
   1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com