Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P769-A-D5-14 Datasheet(PDF) 1 Page - Vincotech

Part # V23990-P769-A-D5-14
Description  3~rectifier,BRC,Inverter, NTC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P769-A-D5-14 Datasheet(HTML) 1 Page - Vincotech

  V23990-P769-A-D5-14 Datasheet HTML 1Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 2Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 3Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 4Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 5Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 6Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 7Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 8Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
V23990-P769-A-PM
V23990-P769-AY-PM
datasheet
flow PIM 2 3rd
1200 V / 75 A
● 3~rectifier,BRC,Inverter, NTC
● Very Compact housing, easy to route
● IGBT4/ EmCon4 technology for low saturation
losses and improved EMC behavior
● Motor Drives
● Power Generation
● V23990-P769-A
● V23990-P769-AY
T j=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
V RRM
1600
V
Th=80°C
100
Tc=80°C
100
Th=80°C
114
Tc=80°C
172
Maximum Junction Temperature
T jmax
150
°C
Inverter IGBT
Th=80°C
80
Tc=80°C
100
Th=80°C
211
Tc=80°C
319
t SC
Tj≤150°C
10
µs
V CC
VGE=15V
900
V
210
A
±20
W
A
V
Collector-emitter break down voltage
Repetitive peak collector current
DC collector current
V CE
I CRM
I C
Maximum Junction Temperature
175
5000
Tj=25°C
Tj=Tjmax
Features
flow 2 housing
Target Applications
Schematic
A
W
A
Types
I2t-value
Maximum Ratings
I FAV
A
2s
I FSM
Condition
DC current
°C
V
Power dissipation
V GE
T jmax
P tot
Short circuit ratings
Tj=Tjmax
Gate-emitter peak voltage
Tj=Tjmax
tp limited by Tjmax
1200
tp=10ms
1000
Input Rectifier Diode
Forward current
Surge forward current
P tot
Power dissipation
I
2t
copyright Vincotech
1
05 Jun 2015 / Revision: 5


Similar Part No. - V23990-P769-A-D5-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P769-A-D2-19 VINCOTECH-V23990-P769-A-D2-19 Datasheet
124Kb / 3P
   Typical average static loss as a function of output current
More results

Similar Description - V23990-P769-A-D5-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P765-A-D3-14 VINCOTECH-V23990-P765-A-D3-14 Datasheet
517Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P760-A60-PM VINCOTECH-V23990-P760-A60-PM Datasheet
1Mb / 16P
   3~rectifier,BRC,Inverter, NTC
V23990-P767-A-D3-14 VINCOTECH-V23990-P767-A-D3-14 Datasheet
527Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D4-14 VINCOTECH-V23990-P763-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D4-14 VINCOTECH-V23990-P764-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A60-D2-14 VINCOTECH-V23990-P768-A60-D2-14 Datasheet
1Mb / 29P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A-D5-14 VINCOTECH-V23990-P768-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D3-14 VINCOTECH-V23990-P763-A-D3-14 Datasheet
515Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-P1-14 VINCOTECH-V23990-P769-A-P1-14 Datasheet
508Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D3-14 VINCOTECH-V23990-P764-A-D3-14 Datasheet
510Kb / 24P
   3~rectifier,BRC,Inverter, NTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com