Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P769-A-D5-14 Datasheet(PDF) 10 Page - Vincotech

Part # V23990-P769-A-D5-14
Description  3~rectifier,BRC,Inverter, NTC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P769-A-D5-14 Datasheet(HTML) 10 Page - Vincotech

Back Button V23990-P769-A-D5-14 Datasheet HTML 6Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 7Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 8Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 9Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 10Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 11Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 12Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 13Page - Vincotech V23990-P769-A-D5-14 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V23990-P769-A-PM
V23990-P769-AY-PM
datasheet
Figure 17
Output inverter FWD
Figure 18
Output inverter FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
75
A
Rgon =
8
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,451
K/W
RthJH =
0,54
K/W
RthJH =
0,70
K/W
RthJH =
0,70
K/W
Single device heated
AlI devices heated
Single device heated
AlI devices heated
IGBT thermal model values
FWD thermal model values
R (K/W)
Tau (s)
R (K/W)
Tau (s)
R (K/W)
Tau (s)
R (K/W)
Tau (s)
0,05
3,0E+00
0,13
3,0E+00
0,02
9,9E+00
0,02
9,9E+00
0,08
4,5E-01
0,08
4,5E-01
0,08
1,4E+00
0,08
1,4E+00
0,19
7,6E-02
0,19
7,6E-02
0,17
1,6E-01
0,17
1,6E-01
0,09
1,7E-02
0,09
1,7E-02
0,31
3,6E-02
0,31
3,6E-02
0,02
1,7E-03
0,02
1,7E-03
0,08
7,1E-03
0,08
7,1E-03
0,02
2,9E-04
0,02
2,9E-04
0,05
5,3E-04
0,05
5,3E-04
Output Inverter
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dI0/dt
dIrec/dt
0
2000
4000
6000
8000
10000
12000
0
8
16
24
32
40
R Gon ( Ω)
dI0/dt
dIrec/dt
0
1000
2000
3000
4000
5000
0
25
50
75
100
125
150
I C (A)
25/150
25/150
copyright Vincotech
10
05 Jun 2015 / Revision: 5


Similar Part No. - V23990-P769-A-D5-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P769-A-D2-19 VINCOTECH-V23990-P769-A-D2-19 Datasheet
124Kb / 3P
   Typical average static loss as a function of output current
More results

Similar Description - V23990-P769-A-D5-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P765-A-D3-14 VINCOTECH-V23990-P765-A-D3-14 Datasheet
517Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P760-A60-PM VINCOTECH-V23990-P760-A60-PM Datasheet
1Mb / 16P
   3~rectifier,BRC,Inverter, NTC
V23990-P767-A-D3-14 VINCOTECH-V23990-P767-A-D3-14 Datasheet
527Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D4-14 VINCOTECH-V23990-P763-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D4-14 VINCOTECH-V23990-P764-A-D4-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A60-D2-14 VINCOTECH-V23990-P768-A60-D2-14 Datasheet
1Mb / 29P
   3~rectifier,BRC,Inverter, NTC
V23990-P768-A-D5-14 VINCOTECH-V23990-P768-A-D5-14 Datasheet
1Mb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P763-A-D3-14 VINCOTECH-V23990-P763-A-D3-14 Datasheet
515Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P769-A-P1-14 VINCOTECH-V23990-P769-A-P1-14 Datasheet
508Kb / 24P
   3~rectifier,BRC,Inverter, NTC
V23990-P764-A-D3-14 VINCOTECH-V23990-P764-A-D3-14 Datasheet
510Kb / 24P
   3~rectifier,BRC,Inverter, NTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com