Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4853A-4-TL-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC4853A-4-TL-E
Description  RF Transistor Low-voltage, low-current operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4853A-4-TL-E Datasheet(HTML) 5 Page - ON Semiconductor

  2SC4853A-4-TL-E Datasheet HTML 1Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 2Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 3Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 4Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 5Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 6Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 7Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4853A
No. A1076-5/8
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.940
-17.9
3.228
159.6
0.058
77.1
0.972
-12.2
400
0.863
-33.7
2.983
143.7
0.107
66.6
0.914
-22.7
600
0.778
-48.0
2.732
129.9
0.145
58.1
0.844
-31.7
800
0.698
-60.5
2.469
117.7
0.173
50.9
0.773
-39.6
1000
0.608
-73.5
2.320
106.2
0.195
45.4
0.717
-46.0
1200
0.546
-84.7
2.106
96.3
0.210
40.9
0.668
-51.7
1400
0.470
-96.2
1.977
87.1
0.129
37.6
0.624
-56.5
1600
0.418
-106.4
1.826
78.8
0.224
35.3
0.590
-60.6
1800
0.388
-117.3
1.700
72.2
0.230
33.8
0.562
-64.3
2000
0.354
-127.0
1.615
65.9
0.234
32.9
0.546
-67.5
VCE=2V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.839
-30.6
7.428
149.3
0.050
71.4
0.916
-18.3
400
0.672
-53.7
6.016
128.5
0.083
60.6
0.778
-30.2
600
0.536
-71.7
4.908
113.6
0.105
55.1
0.672
-37.1
800
0.431
-85.7
4.073
101.9
0.121
52.5
0.597
-41.9
1000
0.360
-99.0
3.494
92.7
0.135
51.4
0.548
-45.7
1200
0.310
-111.4
3.033
84.4
0.150
50.9
0.514
-49.2
1400
0.265
-122.6
2.694
77.4
0.162
50.9
0.492
-52.3
1600
0.242
-134.7
2.422
70.9
0.175
51.0
0.475
-55.6
1800
0.228
-148.0
2.205
65.9
0.189
51.1
0.461
-59.0
2000
0.217
-157.2
2.061
60.8
0.205
51.0
0.456
-61.8


Similar Part No. - 2SC4853A-4-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A Datasheet
60Kb / 5P
   Low-Voltage, Low-Current High-Frequency Amplifier Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
More results

Similar Description - 2SC4853A-4-TL-E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SC39-11CGKWA KINGBRIGHT-SC39-11CGKWA Datasheet
352Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com