Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4853A-4-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4853A-4-TL-E
Description  RF Transistor Low-voltage, low-current operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4853A-4-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4853A-4-TL-E Datasheet HTML 1Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 2Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 3Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 4Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 5Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 6Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 7Page - ON Semiconductor 2SC4853A-4-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC4853A
No. A1076-3/8
S21e2, NF -- VCE
Collector-to-Emitter Voltage, VCE -- V
6
5
2
4
1
0
7
3
0
6
4
2
8
10
12
14
f=1GHz
ITR07586
IC=3mA
1mA
IC=1mA
3mA
NF
⏐S21e⏐
2
S21e2 -- IC
Collector Current, IC -- mA
ITR07584
0
14
12
10
8
6
4
2
7
1.0
23
23
5
57
f=1GHz
V CE
=2V
1V
Collector Current, IC -- mA
NF -- IC
35
5
2
3
2
1.0
7
72
10
0
2
4
6
8
10
f=1GHz
ITR07585
2V
PC -- Ta
Ambient Temperature, Ta --
°C
100
0
60
80
90
40
20
50
70
30
10
20
060
40
80
100
140
120
160
IT14234


Similar Part No. - 2SC4853A-4-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A Datasheet
60Kb / 5P
   Low-Voltage, Low-Current High-Frequency Amplifier Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
More results

Similar Description - 2SC4853A-4-TL-E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SC39-11CGKWA KINGBRIGHT-SC39-11CGKWA Datasheet
352Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com