Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P828-F10-P2-14 Datasheet(PDF) 3 Page - Vincotech

Part # V23990-P828-F10-P2-14
Description  Trench Fieldstop IGBT4 Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P828-F10-P2-14 Datasheet(HTML) 3 Page - Vincotech

  V23990-P828-F10-P2-14 Datasheet HTML 1Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 2Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 3Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 4Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 5Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 6Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 7Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 8Page - Vincotech V23990-P828-F10-P2-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
V23990-P828-F10-PM
preliminary datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,3
1,92
2,3
Tj=150°C
2,39
Tj=25°C
0,015
Tj=150°C
Tj=25°C
200
Tj=150°C
Tj=25°C
91
Tj=150°C
94
Tj=25°C
19
Tj=150°C
23
Tj=25°C
204
Tj=150°C
264
Tj=25°C
72
Tj=150°C
109
Tj=25°C
2,02
Tj=150°C
3,09
Tj=25°C
1,76
Tj=150°C
2,81
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,18
K/W
Tj=25°C
1,35
1,80
2,35
Tj=150°C
1,77
Tj=25°C
48
Tj=150°C
53
Tj=25°C
251
Tj=150°C
353
Tj=25°C
3,56
Tj=150°C
6,93
di(rec)max
Tj=25°C
2000
/dt
Tj=150°C
390
Tj=25°C
1,38
Tj=150°C
2,83
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,52
K/W
nA
A/
μs
K
2,6
%/K
210
3530
20
15
VCE=VGE
0
35
0
±15
600
35
Tj=25°C
IRRM
Erec
Crss
Cies
Qrr
trr
VF
Peak reverse recovery current
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Reverse recovered charge
Reverse transfer capacitance
Diode forward voltage
Gate charge
QGate
Vcc=960V
35
VCE(sat)
ICES
tr
td(off)
td(on)
Input capacitance
Output capacitance
Coss
Rgint
IGES
tf
Eon
VGE(th)
Eoff
Value
Characteristic Values
Conditions
nC
nC
±15
f=1MHz
Rgon=16
1200
Turn-off energy loss per pulse
Inverter Diode
Collector-emitter cut-off current incl. Diode
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Collector-emitter saturation voltage
Turn-on energy loss per pulse
Integrated Gate resistor
Inverter Transistor
Gate emitter threshold voltage
35
±15
35
Rgoff=16
115
0,0012
600
mW
R25
B-value
B(25/100)
Tol. ±3%
Power dissipation given Epcos-Typ
P
Deviation of R100
DR/R
R100=435
k
Tol. ±5%
Rated resistance
25
0
Thermistor
Rgon=16
Tj=25°C
none
1950
155
180
Tj=25°C
Tj=25°C
Tc=100°C
Tj=25°C
4,2
4,7
5,8
mA
ns
mWs
A
V
V
V
pF
mWs
ns
copyright
by Vincotech
3
Revision: 2


Similar Part No. - V23990-P828-F10-P2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P828-F10-P2-19 VINCOTECH-V23990-P828-F10-P2-19 Datasheet
412Kb / 4P
   flowPACK 1 3rd gen
More results

Similar Description - V23990-P828-F10-P2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K229-A40-PM VINCOTECH-V23990-K229-A40-PM Datasheet
4Mb / 16P
   Trench Fieldstop IGBT4 technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K209-A40-PM VINCOTECH-V23990-K209-A40-PM Datasheet
3Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com