Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5226A-4-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5226A-4-TL-E
Description  RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5226A-4-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5226A-4-TL-E Datasheet HTML 1Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 2Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 3Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 4Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 5Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 6Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 7Page - ON Semiconductor 2SC5226A-4-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5226A
No. A1062-3/8
S21e
2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
NF -- IC
35
3
2
1.0
7
35
72
2
10
5
7 100
0
2
4
6
8
10
12
VCE=5V
f=1GHz
ITR07923
0
14
12
10
8
6
4
2
35
7 1.0
23
5
7 10
100
22
35
7
f=1GHz
ITR07924
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
150
ITR07925


Similar Part No. - 2SC5226A-4-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5226A-4-TL-E SANYO-2SC5226A-4-TL-E Datasheet
463Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifi er Applications
More results

Similar Description - 2SC5226A-4-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com