Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB4137PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFB4137PBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4137PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFB4137PBF_15 Datasheet HTML 1Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 2Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 3Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 4Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 5Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 6Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 7Page - International Rectifier IRFB4137PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
IRFB4137PbF
4
www.irf.com
© 2012 International Rectifier
October 30, 2012
-60
-20
20
60
100
140
180
TJ , Temperature ( °C )
270
280
290
300
310
320
330
340
350
360
370
Id = 3.5mA
Fig 8. Maximum Safe Operating Area
-50
0
50
100 150 200 250 300 350
VDS, Drain-to-Source Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Fig 11. Typical Coss Stored Energy
Fig 12. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
Fig 7. Typical Source-Drain Diode Forward Voltage
-75
-25
25
75
125
175
225
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 250µA
ID = 1.0mA
ID = 1.0A
Fig 10. Drain-to–Source Breakdown Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
7
14
21
28
35
42
Fig 9. Maximum Drain Current vs. Case Temperature


Similar Part No. - IRFB4137PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4137PBF IRF-IRFB4137PBF Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFB4137PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com