Selected language     English  ▼


T-1000BNC Datasheet(PDF) 1 Page - Tyco Electronics

Part No. T-1000BNC
Description  Two-Way Power Divider 10 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-49
Two-Way Power Divider
10 - 1000 MHz
T-1000
V2.00
Features
Broadband Frequency Range
Isolation – 25 dB Min
Insertion Loss – 0.8 dB Max
45˚
1.344
(34.1)
0.672
(17.1)
0.672
(17.1)
C'BORE 0.12 DIA x 0.14 DP,
4-40 UNC-3B x 0.20 DP
1.000 DIA
(25.4)
1.344
(34.1)
0.375
±0.020
(9.5
±0.5)
0.750
±0.020
(19.1
±0.5)
CONNECTOR
3 PLACES
Typical Performance
q
q
q
C-7
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.):
2.5 OUNCES
7 GRAMS
Guaranteed Specifications*
Ordering Information
Model No.
Package
T-1000
BNC
Connectorized
T-1000
TNC
Connectorized
T-1000
N
Connectorized
T-1000
SMA
Connectorized
Operating Characteristics
0
°
0
°
0
°
180
°
C
D
A
B
Z
o
Port "A" is
internally
terminated
Figure 1. 2 Way, In-Phase (0
°) Power
Divider/Summer, or ISO-T
MIL-STD-202 screening available.
*All specifications apply with 50 Ohm source and load impedance.
INSERTION LOSS
ISOLATION
VSWR
5
10
20 30 5070100 500 1000 1500
5
10
20 30 5070100 500 1000 1500
1.50
1.25
1.00
0.75
0.50
0.25
0
50
45
40
35
30
25
20
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
4.50
4.25
4.00
3.75
3.50
3.25
3.00
5
10
20 30 5070100 500 1000 1500
FREQUENCY MHz
PORTS B-C, B-D
PORTS
C-D
ALL
PORTS
C
D
B




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS-327Flatpack Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
DS-332Two-Way Power Divider 1000 - 2000 MHz 1 2 Tyco Electronics
DSS-327Surface Mount Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
H-81-4180 Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
ESSM-2-8-75E-Series 2-Way 0 Power Divider 5 - 1000 MHz 1 2 Tyco Electronics
DS52-0001Low Cost Two-Way SMT Power Divider 824-960 MHz 1 2 Tyco Electronics
ESSMJ-2-10-75E-Series 2-Way 0 Power Divider 5 - 1000 MHz 1 Tyco Electronics
DS52-0002Low Cost Two-Way SMT Power Divider 1920- 2170 MHz 1 2 Tyco Electronics
ESSMJ-2-12-75E-Series 2-Way 0 Power Divider 5 - 1000 MHz 1 2 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl