Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130146-0031 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130146-0031
Description  Watertite Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130146-0031 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130146-0031 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130146-0031
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130146
IP Rating
IP67
NEMA Configuration
NEMA 5-15
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
N/A
Specialty
N/A
Type
Plug
UPC
78678871002
Woodhead
Yes
Physical
Cord Grip Body Size
F2 1/2"
Flange
No
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
No
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
15.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
14W47
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130146Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130146-0031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0032 MOLEX11-130146-0032 Datasheet
42Kb / 1P
   Watertite Plug 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2, Black
130146-0035 MOLEX11-130146-0035 Datasheet
38Kb / 1P
   Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
More results

Similar Description - 130146-0031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301460031 MOLEX11-1301460031 Datasheet
34Kb / 1P
   Watertite Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
130146-0032 MOLEX11-130146-0032 Datasheet
42Kb / 1P
   Watertite Plug 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2, Black
1301460032 MOLEX11-1301460032 Datasheet
34Kb / 1P
   Watertite Plug 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2, Black
1301460060 MOLEX11-1301460060 Datasheet
36Kb / 1P
   Watertite Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
130146-0060 MOLEX11-130146-0060 Datasheet
43Kb / 1P
   Watertite Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
130146-0022 MOLEX11-130146-0022 Datasheet
42Kb / 1P
   Watertite Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body Size F2
130146-0023 MOLEX11-130146-0023 Datasheet
42Kb / 1P
   Watertite Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body Size F2
1301460022 MOLEX11-1301460022 Datasheet
34Kb / 1P
   Watertite Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body Size F2
1301460012 MOLEX11-1301460012 Datasheet
40Kb / 1P
   Watertite Plug, 2 Pole/2 Wire, NEMA 1-15, 125V, Cord Grip Body Size F2
130146-0012 MOLEX11-130146-0012 Datasheet
48Kb / 1P
   Watertite Plug, 2 Pole/2 Wire, NEMA 1-15, 125V, Cord Grip Body Size F2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com