Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDR720V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR720V
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR720V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR720V_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDR720V_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2005. 8. 17
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR720V
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
LOW CURRENT RECTIFICATION
AND HIGH SPEED SWITCHING.
FEATURES
Low Forward Voltage.
High Reliability.
Small Package .
MAXIMUM RATING (Ta=25 )
VSC
DIM
MILLIMETERS
A
B
C
D
E
CATHODE MARK
B
A
F
2
1
1. ANODE
2. CATHODE
0.12 0.03
+_
0.5 0.05
+_
0.28 0.03
+_
0.6 0.05
+_
1.0 0.05
+_
1.4 0.05
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
SB
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=10mA
-
-
0.35
V
Reverse Current
IR
VR=10V
-
-
10
A
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Average Forward Current
IO
100
mA
Surge Current(10ms)
IRSM
1
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125


Similar Part No. - KDR720V_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR720V KEC-KDR720V Datasheet
390Kb / 2P
   LOW CURRENT RECTIFICATION AND HIGH SPEED SWITCHING
More results

Similar Description - KDR720V_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com