Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU-50SMA Datasheet(PDF) 1 Page - Tyco Electronics

Part # TU-50SMA
Description  Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TU-50SMA Datasheet(HTML) 1 Page - Tyco Electronics

  TU-50SMA Datasheet HTML 1Page - Tyco Electronics TU-50SMA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-50
Two-Way Power Dividers
2 - 200 MHz and 20 - 400 MHz
THV-50/ TU-50
V2.00
Features
Isolation – 30 dB Min
Loss – 0.5 dB Max
Low VSWR – 1.3:1 Max
Ordering Information
Model No.
Package
THV-50 BNC
Connectorized
THV-50 N
Connectorized
THV-50 SMA
Connectorized
THV-50 TNC
Connectorized
TU-50 BNC
Connectorized
TU-50 TNC
Connectorized
TU-50 N
Connectorized
TU-50 SMA
Connectorized
Operating Characteristics
Guaranteed Specifications*
q
q
q
*All specifications apply with 50 ohm source and load impedance.
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.015 (.xx = ±0.38)
(.x = ±0.4)
WEIGHT (APPROX.):
2.5 OUNCES
71 GRAMS
45˚
1.344
(34.1)
0.672
(17.1)
0.672
(17.1)
C'BORE 0.12 DIA x 0.14 DP,
4-40 UNC-3B x 0.20 DP
1.000 DIA
(25.4)
1.344
(34.1)
0.375
±0.020
(9.5
±0.5)
0.750
±0.020
(19.1
±0.5)
CONNECTOR
3 PLACES
C-7
C
D
B


Similar Part No. - TU-50SMA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
TU-50 MA-COM-TU-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
TU-50 MA-COM-TU-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers
More results

Similar Description - TU-50SMA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
logo
Tyco Electronics
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
logo
Tyco Electronics
DS-113 MACOM-DS-113 Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
   Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers
logo
Tyco Electronics
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
   Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
logo
M/A-COM Technology Solu...
TU-50 MA-COM-TU-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com