Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C1256L55SNMBLF Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P3C1256L55SNMBLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L55SNMBLF Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P3C1256L55SNMBLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L55SNMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 2
Document # SRAM143 REV A
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
MAxIMUM RATIngS(1)
RECOMMEnDED OPERATIng TEMPERATURE AnD SUPPLy VOLTAgE
Sym Parameter
Test Conditions
Min
Max
Unit
V
OH
Output High Voltage (I/O
0 - I/O7)
I
OH = -1mA, VCC = 3.0V
2.4
V
V
OL
Output Low Voltage (I/O
0 - I/O7)
I
OL = 2.1mA
0.4
V
V
IH
Input High Voltage
2.2
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.5(3)
0.8
V
I
LI
Input Leakage Current
GND ≤ V
IN ≤ VCC
Com
-2
+2
µA
Ind
-5
+5
Mil
I
LO
Output Leakage Current
GND ≤ V
OUT ≤ VCC
CE = V
IH
Com
-2
+2
µA
Ind
-5
+5
Mil
I
SB
V
CC Current
TTL Standby Current
(TTL Input Levels)
V
CC = 3.6V, IOUT = 0 mA
CE = V
IH
3
mA
I
SB1
V
CC Current
CMOS Standby Current
(CMOS Input Levels)
V
CC = 3.6V, IOUT = 0 mA
CE ≥ V
CC - 0.2V
100
µA
N/A = Not applicable
Sym
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
V
CC + 0.5
V
T
A
Operating Ambient Temperature
-55
125
°C
S
TG
Storage Temperature
-65
150
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
> 200
mA
Temperature Range (Ambient)
Supply Voltage
Commercial (0°C to 70°C)
2.7V ≤ V
CC ≤ 3.6V
Industrial (-40°C to 85°C)
2.7V ≤ V
CC ≤ 3.6V
Military (-55°C to 125°C)
2.7V ≤ V
CC ≤ 3.6V


Similar Part No. - P3C1256L55SNMBLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612JC PYRAMID-P3C125612JC Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612JI PYRAMID-P3C125612JI Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612TC PYRAMID-P3C125612TC Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612TI PYRAMID-P3C125612TI Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
More results

Similar Description - P3C1256L55SNMBLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com