Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C423-20CM Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C423-20CM
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C423-20CM Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

  P4C423-20CM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C423-20CM Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P4C423
Page 7 of 8
Document # SRAM108 REV OR
SIDE BRAZED DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
-
0.200
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.280
E
0.220
0.310
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-
0.100 BSC
C4
24 (300 mil)
0.300 BSC


Similar Part No. - P4C423-20CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422-10CC PYRAMID-P4C422-10CC Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422-10CM PYRAMID-P4C422-10CM Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422-10DC PYRAMID-P4C422-10DC Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results

Similar Description - P4C423-20CM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com