Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDS160 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDS160
Description  SILICON EPITAXIAL PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS160 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDS160_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS160_15 Datasheet HTML 2Page - KEC(Korea Electronics) KDS160_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014. 3. 31
2/3
KDS160
Revision No : 8
1
0.1
REVERSE VOLTAGE V
(R)
R
R
T
C
- V
10
0
REVERSE VOLTAGE V
(V)
R
0
I
- V
I
- V
F
FORWARD VOLTAGE V
(V)
0
10
FF
0.2
0.4
0.6
0.8
1.0
1.2
-2
-1
10
2
10
3
10
10
1
RR
20
40
60
80
-3
-2
10
-1
10
1
10
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C
0.4
0.8
1.2
1.6
2.0
3
10
30
100
f=1MHz
Ta=25 C
t
- I
F
FORWARD CURRENT I
(mA)
0.1
0.5
rr
F
0.3
1
3
10
30
100
1
3
5
10
30
50
100
0.3
110
T IME t (ms)
FSM
I
- t
1
10
100
Ta=25 C
Fig. 1
I
FSM
t


Similar Part No. - KDS160_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDS160E KEC-KDS160E Datasheet
84Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDS160E KEC-KDS160E Datasheet
14Kb / 1P
   ESC PACKAGE
logo
SHIKUES Electronics
KDS160E SKTECHNOLGY-KDS160E Datasheet
1Mb / 3P
   High Spped Switching Diode
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E_03 Datasheet
84Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDS160_15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com