Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C423-10CMB Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C423-10CMB
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C423-10CMB Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C423-10CMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C423-10CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P4C423
Page 2 of 8
Document # SRAM108 REV OR
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
P4C422
Min
Max
V
OH
Output High Voltage
I
OH = –5.2 mA, VCC = Min.2.4
V
V
OL
Output Low Voltage
I
OL = +8 mA, VCC = Min.
0.4
V
V
IH
Input High Voltage
2.1
V
V
IL
Input Low Voltage
0.8
V
V
CL
Input Clamp Diode Voltage
I
IN = –10 mA
–1.5
V
I
IX
Input Load Current
GNDV
IN VCC
–10
10
µA
I
OZ
Output Current (High Z)
V
OL VOUT VOH ,
Output Disabled
–10
10
µA
I
OS
Output Short Circuit
V
CC= Max., VOUT = GND
90
mA
Current(3)
Grade(2)
Ambient Temp
Gnd
Vcc
Commercial
0°C to 70°C
0V
5.0V ±10%
Military
–55°C to 125°C
0V
5.0V ±10%
Symbol
Parameter
Test Conditions
Unit
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT = 0V
7
pF
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
I
OUT
DC Output Current
20
mA
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature
– 55 to +125
°C
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. For test purposes, not more than one output at a time should be
shorted. Short circuit test duration should not exceed 30 seconds.
4. This parameter is sampled and not 100% tested.
5. Transition time is
≤ 3ns for 10, 12, and 15 ns products and ≤ 5ns for
20, 25, and 35 ns products, see Fig 1d. Timing is referenced at input
and output levels of 1.5V. The output loading is equivalent to the
specified I
OL/IOH with a load capacitance of 15 pF (10, 12) or 30 pF (15,
20, 25, 35) as in Fig. 1a and 1b respectively.
6. Transition time is
≤ 3ns for 10, 12, and 15 ns products and ≤ 5ns for
20, 25, and 35 ns products, see Fig 1d. Transition is measured at
steady state HIGH level -500mV or steady state LOW level +500mV
on the output from a level on the input with load shown in Fig. 1c.
7. t
W is measured at tWSA = min.; tWSA is measured at tW = min.
POWER DISSIPATION CHARACTERISTICS VS. SPEED
Symbol
I
CC
Parameter
Dynamic Operating Current
Temperature
Range
Commercial
Military
-10
90
N/A
-12
90
N/A
-15
90
90
-20
90
90
-25
65
90
-35
65
90
Unit
mA
mA


Similar Part No. - P4C423-10CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422-10CC PYRAMID-P4C422-10CC Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422-10CM PYRAMID-P4C422-10CM Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422-10DC PYRAMID-P4C422-10DC Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results

Similar Description - P4C423-10CMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com