Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF28150 Datasheet(PDF) 3 Page - Tyco Electronics

Part # UF28150
Description  POWER MOSFET TRANSISTOR 150 WATTS, 100 - 500 MHz, 28 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

UF28150 Datasheet(HTML) 3 Page - Tyco Electronics

  UF28150 Datasheet HTML 1Page - Tyco Electronics UF28150 Datasheet HTML 2Page - Tyco Electronics UF28150 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - UF28150

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
UF28150J MA-COM-UF28150J Datasheet
213Kb / 3P
   RF Power MOSFET Transistor 150W, 100MHz-500MHz, 28V
UF28150J MA-COM-UF28150J Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_15 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
More results

Similar Description - UF28150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
   150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
logo
GHz Technology
0105-100 GHZTECH-0105-100 Datasheet
285Kb / 2P
   100 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
0105-50 GHZTECH-0105-50 Datasheet
148Kb / 3P
   50 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
logo
Tyco Electronics
UF2820R MACOM-UF2820R Datasheet
193Kb / 3P
   RF MOSFET Power Transistor, 2OW, 28V 100 - 500 MHz
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
UF281OOV MACOM-UF281OOV Datasheet
214Kb / 3P
   RF MOSFET Power Transistor, IOOW, 28V 100 - 500 MHz
UF2840G MACOM-UF2840G Datasheet
197Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
UF284OP MACOM-UF284OP Datasheet
209Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
   RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
UF2840G MA-COM-UF2840G Datasheet
239Kb / 3P
   RF Power MOSFET Transistor 40W, 100-500 MHz, 28V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com