Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD5U150 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBRD5U150
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRD5U150 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBRD5U150 Datasheet HTML 1Page - KEC(Korea Electronics) MBRD5U150 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 10. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBRD5U150
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
SWITCHING MODE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
・Average Output Rectified Current
: IO=5A.
・Repetitive Peak Reverse Voltage
: VRRM=150V.
MAXIMUM RATING (Ta=25
℃)
DPAK (1)
DIM MILLIMETERS
A
A
B
B
C
C
D
D
F
FF
H
G
K
G
J
L
K
L
M
0.96 MAX
0.90 MAX
E
E
M
N
H
0.70 MIN
O
0.1 MAX
N
12
3
6.60
0.20
+
_
6.10 0.20
+
_
5.34
0.30
+
_
0.70 0.20
+
_
2.70
0.15
+
_
2.30 0.10
+
_
1.80 0.20
+
_
0.50
0.10
+
_
2.30 0.10
+
_
0.50 0.10
+
_
J
O
1. N.C
2. CATHODE
3. ANODE
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=5A
-
-
0.9
V
Repetitive Peak Reverse Current
IRRM
VRRM=150V
-
-
100
Thermal Resistance
Rth(j-c)
Juction to Case
-
-
5
℃/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
150
V
Average Output Rectified
Current (Tc=114
℃)
IO
5
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
125
A
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
3
1
2
CATHODE
ANODE
N.C
* 1 inch Square Copper Pad, FR-4 Board


Similar Part No. - MBRD5U150

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRD5100 MCC-MBRD5100 Datasheet
106Kb / 2P
   Schottky Barrier Rectifier 20 to 100 Volts 5.0 Amp
logo
Sangdest Microelectroni...
MBRD5100 SMC-MBRD5100 Datasheet
155Kb / 5P
   SCHOTTKY RECTIFIER
logo
Foshan Blue Rocket Elec...
MBRD5100 FOSHAN-MBRD5100 Datasheet
861Kb / 6P
   Schottky diode in a TO-252 Plastic Package
logo
SUNMATE electronic Co.,...
MBRD5100 SUNMATE-MBRD5100 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
SHIKUES Electronics
MBRD5100 SKTECHNOLGY-MBRD5100 Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRD5U150

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com