Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1981L-15JC Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-15JC
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-15JC Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1981L-15JC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-15JC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 4 of 13
Document # SRAM114 REV B
Sym.
Parameter
Unit
-10
-12
-15
-20
-25
-35
-45
Min Max Min Max Min Max Min Max Min Max Min Max Min Max
t
RC
Read Cycle Time
10
12
15
20
25
35
45
ns
t
AA
Address Access
10
12
15
20
25
35
45
ns
Time
t
AC
Chip Enable
10
12
15
20
25
35
45
ns
Access Time
t
OH
Output Hold from
2
2
2222
2
ns
Address Change
t
LZ
Chip Enable to
2
2
2222
2
ns
Output in Low Z
t
HZ
Chip Disable to
6
7
8
10
10
15
15
ns
Output in High Z
t
OE
Output Enable
6
7
8
12
15
21
27
ns
Low to Data Valid
t
OLZ
Output Enable to
2
2
2222
2
ns
Output in Low Z
t
OHZ
Output Disable to
6
7
9
9
10
14
15
ns
Output in High Z
t
PU
Chip Enable to
0
0
0000
0
ns
Power Up Time
t
PD
Chip Disable to
10
12
15
20
25
25
30
ns
Power Down Time
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
READ CYCLE NO.1 (OE
OE
OE
OE
OE controlled)(5)
Notes:
5. WE is HIGH for READ cycle.
6. CE
1, CE2 and OE are LOW for READ Cycle.
7. OE is LOW for the cycle.
8. ADDRESS must be valid prior to or coincident with, CE
1, and
CE
2 transition LOW.
9. Transition is measured ±200mV from steady state voltage
prior to change, with loading as specified in Figure 1.
10. Read Cycle Time is measured from the last valid address to
the first transitioning address.


Similar Part No. - P4C1981L-15JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-15JC ETC1-P4C1981L-15JC Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-15JC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com